Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG442DJ Datasheet(PDF) 3 Page - Intersil Corporation

Part # DG442DJ
Description  Monolithic, Quad SPST, CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG442DJ Datasheet(HTML) 3 Page - Intersil Corporation

  DG442DJ Datasheet HTML 1Page - Intersil Corporation DG442DJ Datasheet HTML 2Page - Intersil Corporation DG442DJ Datasheet HTML 3Page - Intersil Corporation DG442DJ Datasheet HTML 4Page - Intersil Corporation DG442DJ Datasheet HTML 5Page - Intersil Corporation DG442DJ Datasheet HTML 6Page - Intersil Corporation DG442DJ Datasheet HTML 7Page - Intersil Corporation DG442DJ Datasheet HTML 8Page - Intersil Corporation DG442DJ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 44.0V
GND to V-. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 25V
Digital Inputs, VS, VD (Note 1) . . . . . (V-) -2V to (V+) + 2V or 30mA,
Whichever Occurs First
Continuous Current (Any Terminal) . . . . . . . . . . . . . . . . . . . . . 30mA
Peak Current, S or D (Pulsed 1ms, 10% Duty Cycle Max) . . 100mA
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±20V (Max)
Input Low Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.8V (Max)
Input High Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2.4V (Min)
Input Rise and Fall Time . . . . . . . . . . . . . . . . . . . . . . . . . . . .
≤20ns
Thermal Resistance (Typical, Note 2)
θJA (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
90
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
115
Maximum Junction Temperature (Plastic Packages) . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operationofthe
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Signals on SX, DX or INX exceeding V+ or V- will be clamped by internal diodes. Limit forward diode current to maximum current ratings.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
(Dual Supply) Test Conditions: V+ = +15V, V- = -15V, VIN = 2.4V, 0.8V, VANALOG =VS,VD,
Unless Otherwise Specified
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
(NOTE 3)
TYP
MAX
UNITS
DYNAMIC CHARACTERISTICS
Turn-ON Time, tON
RL = 1kΩ, CL = 35pF, VS = ±10V, (Figure 1)
25
-
150
250
ns
Turn-OFF Time, tOFF
DG441
25
-
90
120
ns
DG442
-
110
210
ns
Charge Injection, Q (Figure 2)
CL = 1nF, VG = 0V, RG = 0Ω
25
-
-1
-
pC
OFF Isolation (Figure 4)
RL = 50Ω, CL = 5pF, f = 1MHz
25
-
60
-
dB
Crosstalk (Channel-to-Channel) (Figure 3)
25
-
-100
-
dB
Source OFF Capacitance, CS(OFF)
f = 1MHz, VANALOG = 0 (Figure 5)
25
-
4
-
pF
Drain OFF Capacitance, CD(OFF)
25
-
4
-
pF
Channel ON Capacitance,
CD(ON) +CS(ON)
25
-
16
-
pF
DIGITAL INPUT CHARACTERISTICS
Input Current VIN Low, IIL
VIN Under Test = 0.8V, All Others = 2.4V
Full
-0.5
-0.00001
0.5
µA
Input Current VIN High, IIH
VIN Under Test = 2.4V, All Others = 0.8V
Full
-0.5
0.00001
0.5
µA
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
Full
-15
-
15
V
Drain-Source ON Resistance, rDS(ON)IS =
10mA, VD = ±8.5V, V+ = 13.5V,
V- = -13.5V
25
-
50
85
85
-
-
100
Source OFF Leakage Current, IS(OFF)
V+ = 16.5V, V- = -16.5V, VD = ±15.5V,
VS =
15.5V
25
-0.5
0.01
0.5
nA
85
-5
-
5
nA
Drain OFF Leakage Current, ID(OFF)
25
-0.5
0.01
0.5
nA
85
-5
-
5
nA
Channel ON Leakage Current,
ID(ON) +IS(ON)
V+ = 16.5V, V- = -16.5V, VS = VD = ±15.5V
25
-0.5
0.08
0.5
nA
85
-10
-
10
nA
POWER SUPPLY CHARACTERISTICS
Positive Supply Current, I+
V+ = 16.5V, V- = -16.5V, VIN = 0V or 5V
Full
-
15
100
µA
Negative Supply Current, I-
25
-1
-0.0001
-
µA
Full
-5
-
-
µA
Ground Current, IGND
Full
-100
-15
-
µA
DG441, DG442


Similar Part No. - DG442DJ

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG442DJ MAXIM-DG442DJ Datasheet
106Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4611; Rev 2; 7/96
logo
Intersil Corporation
DG442DJ INTERSIL-DG442DJ Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG442DJ VISHAY-DG442DJ Datasheet
150Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. I, 25-Jun-07
logo
Maxim Integrated Produc...
DG442DJ MAXIM-DG442DJ Datasheet
132Kb / 9P
   Improved, Quad, SPST Analog Switches
Rev 5; 5/09
logo
Vishay Siliconix
DG442DJ VISHAY-DG442DJ Datasheet
229Kb / 14P
   Quad SPST CMOS Analog Switches
Rev. J, 30-May-11
More results

Similar Description - DG442DJ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com