Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG445DY Datasheet(PDF) 8 Page - Intersil Corporation

Part # DG445DY
Description  Monolithic, Quad SPST, CMOS Analog Switches
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG445DY Datasheet(HTML) 8 Page - Intersil Corporation

Back Button DG445DY Datasheet HTML 2Page - Intersil Corporation DG445DY Datasheet HTML 3Page - Intersil Corporation DG445DY Datasheet HTML 4Page - Intersil Corporation DG445DY Datasheet HTML 5Page - Intersil Corporation DG445DY Datasheet HTML 6Page - Intersil Corporation DG445DY Datasheet HTML 7Page - Intersil Corporation DG445DY Datasheet HTML 8Page - Intersil Corporation DG445DY Datasheet HTML 9Page - Intersil Corporation DG445DY Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
8
FIGURE 14. SOURCE/DRAIN CAPACITANCE vs ANALOG
VOLTAGE
FIGURE 15. LEAKAGE CURRENTS vs ANALOG VOLTAGE
FIGURE 16. SWITCHING TIME vs INPUT VOLTAGE (DG444)
FIGURE 17. SWITCHING TIME vs INPUT VOLTAGE (DG445)
FIGURE 18. SWITCHING TIME vs POWER SUPPLY VOLTAGE
(DG444)
FIGURE 19. SWITCHING TIME vs POWER SUPPLY VOLTAGE
(DG445)
Typical Performance Curves (Continued)
25
20
15
10
5
0
-15
-10
-5
0
5
10
15
VA (V)
V+ = +15V
V- = -15V
CS(OFF), CD(OFF)
CS(ON) + CD(ON)
20
0
-20
-40
-60
-80
-100
-15
-10
-5
0
5
10
15
VS, VD (V)
IS(OFF), ID(OFF)
IS(ON) + ID(ON)
V+ = +15V
V- = -15V
FOR I(OFF), VD = -VS
23
4
5
V+ = +15V
V- = -15V
tON
VIN (V)
160
140
120
100
80
60
40
20
tOFF
23
4
5
V+ = +15V, V- = -15V
VL = 5V
tON
VIN (V)
150
100
50
0
tOFF
10
22
12
16
20
SUPPLY VOLTAGE (
±V)
14
18
160
140
120
100
80
60
40
20
tON
tOFF
10
22
12
16
20
SUPPLY VOLTAGE (
±V)
14
18
160
140
120
100
80
60
40
20
tON
tOFF
VL = 5V
DG444, DG445


Similar Part No. - DG445DY

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DG445DY MAXIM-DG445DY Datasheet
79Kb / 8P
   Improved, Quad, SPST Analog Switches
19-4705; Rev 1; 4/94
logo
Intersil Corporation
DG445DY INTERSIL-DG445DY Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG445DY VISHAY-DG445DY Datasheet
115Kb / 9P
   Quad SPST CMOS Analog Switches
Rev. F, 06-Sep-99
logo
Intersil Corporation
DG445DY INTERSIL-DG445DY Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG445DY VISHAY-DG445DY Datasheet
172Kb / 12P
   Quad SPST CMOS Analog Switches
Rev. G, 23-May-11
More results

Similar Description - DG445DY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG441883 INTERSIL-DG441883 Datasheet
262Kb / 12P
   Monolithic Quad SPST CMOS Analog Switches
DG444 INTERSIL-DG444_07 Datasheet
302Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
DG411 INTERSIL-DG411_07 Datasheet
353Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG411A INTERSIL-DG411A Datasheet
249Kb / 10P
   Monolithic Quad SPST CMOS Analog Switches
DG411 INTERSIL-DG411_06 Datasheet
347Kb / 13P
   Monolithic Quad SPST, CMOS Analog Switches
DG444 INTERSIL-DG444_06 Datasheet
296Kb / 12P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Renesas Technology Corp
DG441 RENESAS-DG441 Datasheet
498Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
Nov 20, 2006
logo
Vishay Siliconix
DG308A VISHAY-DG308A_11 Datasheet
163Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
Rev. G, 28-Feb-11
logo
Intersil Corporation
DG441 INTERSIL-DG441_06 Datasheet
365Kb / 14P
   Monolithic, Quad SPST, CMOS Analog Switches
logo
Vishay Siliconix
DG201AMIL VISHAY-DG201AMIL Datasheet
101Kb / 9P
   Monolithic Quad SPST CMOS Analog Switches
Rev. G, 21-Feb-00
DG308A VISHAY-DG308A_V01 Datasheet
214Kb / 11P
   Quad Monolithic SPST CMOS Analog Switches
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com