Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG509ACY Datasheet(PDF) 10 Page - Intersil Corporation

Part # DG509ACY
Description  CMOS Analog Multiplexers
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG509ACY Datasheet(HTML) 10 Page - Intersil Corporation

Back Button DG509ACY Datasheet HTML 6Page - Intersil Corporation DG509ACY Datasheet HTML 7Page - Intersil Corporation DG509ACY Datasheet HTML 8Page - Intersil Corporation DG509ACY Datasheet HTML 9Page - Intersil Corporation DG509ACY Datasheet HTML 10Page - Intersil Corporation DG509ACY Datasheet HTML 11Page - Intersil Corporation DG509ACY Datasheet HTML 12Page - Intersil Corporation DG509ACY Datasheet HTML 13Page - Intersil Corporation DG509ACY Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
10
Die Characteristics
DIE DIMENSIONS:
3810
µm x 2770µm
METALLIZATION:
Type: Al
Thickness: 10k
Å
±1kÅ
PASSIVATION:
Type: PSG/Nitride
Thickness: PSG: 7k
Å
±1.4kÅ
Nitride: 8k
Å
±1.2kÅ
WORST CASE CURRENT DENSITY:
9.1 x 104 A/cm2
Metallization Mask Layout
DG506A
NC
NC
V+
D
V-
S8
S7
S6
S5
S4
S3
S2
S1
GND
NC
A3
A2
A1
A0
EN
S16
S15
S14
S13
S12
S11
S10
S9
DG506A, DG507A, DG509A


Similar Part No. - DG509ACY

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG509ACY INTERSIL-DG509ACY Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
More results

Similar Description - DG509ACY

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
DG508A RENESAS-DG508A Datasheet
507Kb / 9P
   CMOS Analog Multiplexers
logo
Intersil Corporation
DG508A INTERSIL-DG508A Datasheet
304Kb / 9P
   CMOS Analog Multiplexers
DG506A INTERSIL-DG506A_07 Datasheet
460Kb / 19P
   CMOS Analog Multiplexers
CD4051BMS INTERSIL-CD4051BMS Datasheet
149Kb / 12P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_12 Datasheet
1Mb / 10P
   Monolithic CMOS Analog Multiplexers
Rev 4; 6/12
logo
Intersil Corporation
DG526 INTERSIL-DG526 Datasheet
308Kb / 16P
   Analog CMOS Latchable Multiplexers
April 1999
logo
Texas Instruments
CD4067B TI1-CD4067B_16 Datasheet
1Mb / 17P
[Old version datasheet]   CMOS Analog Multiplexers/Demultiplexers
logo
Maxim Integrated Produc...
DG506A MAXIM-DG506A_10 Datasheet
965Kb / 7P
   Monolithic CMOS Analog Multiplexers
Rev 3; 2/10
DG508A MAXIM-DG508A_10 Datasheet
156Kb / 9P
   Monolithic CMOS Analog Multiplexers
Rev 4; 5/10
logo
Intersil Corporation
CD4067BMS INTERSIL-CD4067BMS Datasheet
105Kb / 10P
   CMOS Analog Multiplexers/Demultiplexers
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com