Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPB1502GR1 Datasheet(PDF) 9 Page - NEC

Part # UPB1502GR1
Description  1.7 GHz/ 2.0 GHz LOW-POWER TWO-MODULUS PRESCALER DIVIDED-BY-64/65, 128/129
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB1502GR1 Datasheet(HTML) 9 Page - NEC

  UPB1502GR1 Datasheet HTML 1Page - NEC UPB1502GR1 Datasheet HTML 2Page - NEC UPB1502GR1 Datasheet HTML 3Page - NEC UPB1502GR1 Datasheet HTML 4Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 9 / 4 page
//htmlimg2.alldatasheet.net/htmldatasheet2/6656/NEC/UPB1502GR1/401/9/UPB1502GR1.png


Similar Part No. - UPB1502GR1

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1502GR1 NEC-UPB1502GR1 Datasheet
75Kb / 4P
   DIVIDE- BY- 64/65/128/129 PRESCALER
UPB1502GR1-E1 NEC-UPB1502GR1-E1 Datasheet
75Kb / 4P
   DIVIDE- BY- 64/65/128/129 PRESCALER
More results

Similar Description - UPB1502GR1

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA701 PHILIPS-SA701 Datasheet
82Kb / 7P
   Divide by: 128/129-64/65 dual modulus low power ECL prescaler
June 17, 1993
logo
NEC
UPB1502GR NEC-UPB1502GR Datasheet
75Kb / 4P
   DIVIDE- BY- 64/65/128/129 PRESCALER
logo
OKI electronic componet...
KGL2135 OKI-KGL2135 Datasheet
45Kb / 3P
   1.7 GHz Two-Modulus Prescaler
KGL2132 OKI-KGL2132 Datasheet
45Kb / 3P
   2.0 GHz Two-Modulus Prescaler
logo
NEC
UPB1505GR NEC-UPB1505GR Datasheet
60Kb / 8P
   3.0 GHz PRESCALER DIVIDED BY 256, 128, 64 FOR BS/CS TUNER
logo
LANSDALE Semiconductor ...
ML12034 LANSDALE-ML12034_08 Datasheet
550Kb / 5P
   2.0 GHz Dual Modulus Prescaler
ML12054A LANSDALE-ML12054A_08 Datasheet
94Kb / 4P
   2.0 GHz Super Low Power Dual Modulus Prescaler
ML12034 LANSDALE-ML12034 Datasheet
1Mb / 5P
   2.0 GHz Dual Modulus Prescaler
ML12054A LANSDALE-ML12054A Datasheet
262Kb / 4P
   2.0 GHz Super Low Power Dual Modulus Prescaler
logo
Motorola, Inc
MC12022TSA MOTOROLA-MC12022TSA Datasheet
90Kb / 4P
   첨64/65, 첨128/129 DUAL MODULUS PRESCALER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com