Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRF450D Datasheet(PDF) 6 Page - Intersil Corporation

Part # FRF450D
Description  9A, 500V, 0.615 Ohm, Rad Hard, N-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FRF450D Datasheet(HTML) 6 Page - Intersil Corporation

  FRF450D Datasheet HTML 1Page - Intersil Corporation FRF450D Datasheet HTML 2Page - Intersil Corporation FRF450D Datasheet HTML 3Page - Intersil Corporation FRF450D Datasheet HTML 4Page - Intersil Corporation FRF450D Datasheet HTML 5Page - Intersil Corporation FRF450D Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4-6
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
FRF450D, FRF450R, FRF450H
TO-254AA
3 LEAD JEDEC TO-254AA HERMETIC METAL PACKAGE
D
L
Q
H1
e
e1
J1
A1
A
E
ØP
Ø
b
0.065 R MAX.
TYP.
12
3
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.249
0.260
6.33
6.60
-
A1
0.040
0.050
1.02
1.27
-
Øb
0.035
0.045
0.89
1.14
2, 3
D
0.790
0.800
20.07
20.32
-
E
0.535
0.545
13.59
13.84
-
e
0.150 TYP
3.81 TYP
4
e1
0.300 BSC
7.62 BSC
4
H1
0.245
0.265
6.23
6.73
-
J1
0.140
0.160
3.56
4.06
4
L
0.520
0.560
13.21
14.22
-
ØP
0.139
0.149
3.54
3.78
-
Q
0.110
0.130
2.80
3.30
-
NOTES:
1. These dimensions are within allowable dimensions of Rev. A of
JEDEC outline TO-254AA dated 11-86.
2. Add typically 0.002 inches (0.05mm) for solder coating.
3. Lead dimension (without solder).
4. Position of lead to be measured 0.250 inches (6.35mm) from bot-
tom of dimension D.
5. Die to base BeO isolated, terminals to case ceramic isolated.
6. Controlling dimension: Inch.
7. Revision 1 dated 1-93.
WARNING!
BERYLLIA WARNING PER MIL-S-19500
Packages containing beryllium oxide (BeO) shall not be ground, machined, sandblasted, or subject to any mechanical
operation which will produce dust containing any beryllium compound. Packages containing any beryllium compound
shall not be subjected to any chemical process (etching, etc.) which will produce fumes containing beryllium or its’
compounds.


Similar Part No. - FRF450D

ManufacturerPart #DatasheetDescription
logo
ITT Industries
FRF ITT-FRF Datasheet
80Kb / 1P
   Circular Commercial Aircraft Military Aircraft
logo
Mospec Semiconductor
FRF0605 MOSPEC-FRF0605 Datasheet
68Kb / 3P
   Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
FRF0610 MOSPEC-FRF0610 Datasheet
68Kb / 3P
   Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
FRF0615 MOSPEC-FRF0615 Datasheet
68Kb / 3P
   Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
FRF0620 MOSPEC-FRF0620 Datasheet
68Kb / 3P
   Switchmode Full Plastic Dual Fast Recovery Power Rectifiers
More results

Similar Description - FRF450D

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSF450D INTERSIL-FSF450D Datasheet
45Kb / 8P
   9A, 500V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FRS244D INTERSIL-FRS244D Datasheet
48Kb / 6P
   9A, 250V, 0.415 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRL430D INTERSIL-FRL430D Datasheet
47Kb / 6P
   2A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS430D INTERSIL-FRS430D Datasheet
49Kb / 6P
   3A, 500V, 2.52 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM430D INTERSIL-FRM430D Datasheet
48Kb / 6P
   3A, 500V, 2.50 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM440D INTERSIL-FRM440D Datasheet
47Kb / 6P
   6A, 500V, 1.40 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM450D INTERSIL-FRM450D Datasheet
47Kb / 6P
   10A, 500V, 0.600 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS440D INTERSIL-FRS440D Datasheet
48Kb / 6P
   5A, 500V, 1.420 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRE460D INTERSIL-FRE460D Datasheet
48Kb / 6P
   12A, 500V, 0.410 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK460D INTERSIL-FRK460D Datasheet
47Kb / 6P
   17A, 500V, 0.400 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com