Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DG188AP Datasheet(PDF) 6 Page - Intersil Corporation

Part # DG188AP
Description  High-Speed Drivers with JFET Switch
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG188AP Datasheet(HTML) 6 Page - Intersil Corporation

  DG188AP Datasheet HTML 1Page - Intersil Corporation DG188AP Datasheet HTML 2Page - Intersil Corporation DG188AP Datasheet HTML 3Page - Intersil Corporation DG188AP Datasheet HTML 4Page - Intersil Corporation DG188AP Datasheet HTML 5Page - Intersil Corporation DG188AP Datasheet HTML 6Page - Intersil Corporation DG188AP Datasheet HTML 7Page - Intersil Corporation DG188AP Datasheet HTML 8Page - Intersil Corporation DG188AP Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6
DG181 Series
DUAL SPST - DG181/182
TEST CONDITIONS
VIN “ON” = 0.8V
All Channels
VIN “OFF” = 2.0V
All Channels
NOTE:
1. Switch states are for logic “1” input = 2.0V.
SPDT - DG187/188
TEST CONDITIONS
VIN “ON” = 2.0V
Channel 1
VIN “ON” = 0.8V
Channel 2
VIN “OFF” = 2.0V
Channel 2
VIN “OFF” = 0.8V
Channel 1
NOTE:
1. Switch states are for logic “1” input = 2.0V.
DUAL DPST - DG184/185
TEST CONDITIONS
VIN “ON” = 2.0V
All Channels
VIN “OFF” = 0.8V
All Channels
NOTE:
1. Switch states are for logic “1” input = 2.0V.
SPDT - DG190/191
TEST CONDITIONS
VIN “ON” = 2.0V
Channel 1 and 2
VIN “ON” = 0.8V
Channel 3 and 4
VIN “OFF” = 2.0V
Channel 3 and 4
VIN “OFF” = 0.8V
Channel 1 and 2
NOTE:
1. Switch states are for logic “1” input = 2.0V.
NOTES:
1. Switch output waveform shown for VS = constant with logic input waveform as shown.
2. VS may be + or - as per switching time test circuit. VO is the steady state output with switch on. Feedthrough via gate capacitance may
result in spikes at leading and trailing edge of output waveform.
Switching Time Test Circuits
FIGURE 1. SWITCHING TIME TEST WAVEFORMS (Note 1)
FIGURE 2. SWITCHING TIME TEST CIRCUIT (Note 2)
50%
90%
0V
tOFF
LOGIC
INPUT
SWITCH
OUTPUT
VS
tON
tR < 10ns
tF < 10ns
90%
SWITCH
INPUT
3V
50%
0V
VO
S1
IN1
LOGIC
INPUT
GND
tON, VS = +10V
RL
1
k
CL
30
pF
SWITCH
OUTPUT
+15V
VCC
-15V
V-
SWITCH
INPUT
0V
(REPEAT TEST FOR
ALL CHANNELS)
VO = VS
RL
RL + RDS(ON)
D1
+5V
VL
tOFF, VS = -10V


Similar Part No. - DG188AP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG188 VISHAY-DG188 Datasheet
89Kb / 8P
   High-Speed Drivers with SPDT JFET Switches
Rev. E, 16-Jun-97
logo
Intersil Corporation
DG188 INTERSIL-DG188 Datasheet
4Mb / 122P
   P-CHANNEL JFET
DG188 INTERSIL-DG188 Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
logo
Vishay Siliconix
DG188 VISHAY-DG188 Datasheet
88Kb / 9P
   High-Speed Drivers with SPDT JFET Switches
18-Jul-08
More results

Similar Description - DG188AP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG188 VISHAY-DG188 Datasheet
89Kb / 8P
   High-Speed Drivers with SPDT JFET Switches
Rev. E, 16-Jun-97
DG186 VISHAY-DG186_V01 Datasheet
88Kb / 9P
   High-Speed Drivers with SPDT JFET Switches
18-Jul-08
logo
TEMIC Semiconductors
DG183 TEMIC-DG183 Datasheet
113Kb / 8P
   High-Speed Drivers with Dual DPST JFET Switches
logo
Vishay Siliconix
DG189 VISHAY-DG189 Datasheet
127Kb / 9P
   High-Speed Drivers with Dual SPDT JFET Switches
Rev. D, 20-Jun-05
DG189 VISHAY-DG189_V01 Datasheet
111Kb / 9P
   High-Speed Drivers with Dual SPDT JFET Switches
18-Jul-08
DG180 VISHAY-DG180 Datasheet
84Kb / 8P
   High-Speed Drivers with Dual SPST JFET Switches
Rev. D, 16-Jun-97
DG180 VISHAY-DG180_V01 Datasheet
91Kb / 9P
   High-Speed Drivers with Dual SPST JFET Switches
18-Jul-08
DG183 VISHAY-DG183 Datasheet
82Kb / 8P
   High-Speed Drivers and Dual DPST JFET Switches
Rev. D, 16-Jun-97
DG183 VISHAY-DG183_V01 Datasheet
89Kb / 9P
   High-Speed Drivers and Dual DPST JFET Switches
18-Jul-08
logo
NTE Electronics
NTE467 NTE-NTE467 Datasheet
20Kb / 2P
   Silicon N-channel JFET Transistor Chopper, High Speed Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com