Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT74FCT646ATPYB Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT74FCT646ATPYB
Description  FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT646ATPYB Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT74FCT646ATPYB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT646ATPYB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT646ATPYB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT646ATPYB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT646ATPYB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT646ATPYB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT646ATPYB Datasheet HTML 7Page - Integrated Device Technology IDT74FCT646ATPYB Datasheet HTML 8Page - Integrated Device Technology IDT74FCT646ATPYB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IDT54/74FCT646/2646/652/2652T/AT/CT/DT, 648T/AT/CT
FAST CMOS OCTAL TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.20
3
FUNCTION TABLE (646/648)
FUNCTION TABLE (652)
Inputs
Data I/O(1)
Operation or Function
G
G
DIR
CPAB
CPBA
SAB
SBA
A1 - A8
B1 - B8
FCT646T/FCT2646T
FCT648T
H
H
X
X
H or L
H or L
X
X
X
X
Input
Input
Isolation
Store A and B Data
Isolation
Store A and B Data
L
L
L
L
X
X
X
H or L
X
X
L
H
Output
Input
Real-Time B Data to A Bus
Stored B Data to A Bus
Real-Time
B Data to A Bus
Stored
B Data to A Bus
L
L
H
H
X
H or L
X
X
L
H
X
X
Input
Output
Real-Time A Data to B Bus
Stored A Data to B Bus
Real-Time
A Data to B Bus
Stored
A Data to B Bus
2634 tbl 02
Inputs
Data I/O
Operation or Function
GAB
GBA
GBA CPAB CPBA SAB SBA
A1 - A8
B1 - B8
FCT652T/FCT2652T
L
L
H
H
H or L
H or L
X
X
X
X
Input
Input
Isolation
Store A and B Data
X
H
H
H
H or L
X
X(2)
X
X
Input
Input
Unspecified(1)
Output
Store A, Hold B
Store A in Both Registers
L
L
X
L
H or L
X
X
X
X(2)
Unspecified(1)
Output
Input
Input
Hold A, Store B
Store B in Both Registers
L
L
L
L
X
X
X
H or L
X
X
L
H
Output
Input
Real-Time B Data to A Bus
Stored B Data to A Bus
H
H
H
H
X
H or L
X
X
L
H
X
X
Input
Output
Real-Time A Data to B Bus
Stored A Data to B Bus
H
L
H or L
H or L
H
H
Output
Output
Stored A Data to B Bus and Stored B Data to A Bus
NOTES:
2634 tbl 03
1. The data output functions may be enabled or disabled by various signals at the GAB or GBA inputs. Data
input functions are always enabled, i.e. data at the bus pins will be stored on every LOW-to-HIGH transition
on the clock inputs.
2. Select control = L: clocks can occur simultaneously.
Select control = H: clocks must be staggered in order to load both registers.
H = HIGH, L = LOW, X = Don't Care,
≠ = LOW-to-HIGH transition.
3.
A in B Register.
4.
B in A Register.


Similar Part No. - IDT74FCT646ATPYB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT646ATPYB IDT-IDT74FCT646ATPYB Datasheet
103Kb / 8P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTER (3-STATE)
More results

Similar Description - IDT74FCT646ATPYB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5474FCT374A IDT-IDT5474FCT374A Datasheet
91Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
74FCT574T IDT-74FCT574T Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54 IDT-IDT54 Datasheet
57Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Pericom Semiconductor C...
PI74FCT374T PERICOM-PI74FCT374T Datasheet
163Kb / 9P
   Fast CMOS Octal D Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT574 IDT-IDT74FCT574 Datasheet
144Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
IDT54FCT374DB IDT-IDT54FCT374DB Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
7130LA55P IDT-7130LA55P Datasheet
88Kb / 7P
   FAST CMOS OCTAL D REGISTERS (3-STATE)
logo
Texas Instruments
CD54-74AC651 TI-CD54-74AC651 Datasheet
276Kb / 8P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
CD74ACT646EN TI1-CD74ACT646EN Datasheet
996Kb / 15P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
CD54-74AC646 TI-CD54-74AC646 Datasheet
263Kb / 8P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com