Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AWP2-40-7241-T Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # AWP2-40-7241-T
Description  IDC Socket - 40 contact
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

AWP2-40-7241-T Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  AWP2-40-7241-T Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
RoHS
Compliant
1840 W. Drake Drive, Suite 101 • Tempe, AZ 85283
Toll Free: 1-877-277-6266 • Email: info@assmann.us
Title
Modification
Id.
Date
Name
Date
Name
Drawing-No.
Replace
Sheet
ASSMANN WSW-No.
1/1
AWP2-40-7241
rev00
Chappell
19.10.11
1:1
Scale
X.X
X.XX
X.XXX
DIM
X.°
X.X°
Angle
TOL
±0.40
±0.25
±0.15
±3°
±X°
IDC Socket - 40 contact
Gold flash, 2.00mm pitch,
w/central polarisation, w/strain relief
09.08.13
Wilson
Updated part number
45.25±0.2
1.00
45.25±0.2
45.25±0.2
3.50
38.00±0.1
2.00
I.D.C. SOCKET DUAL-ROW
SR
4.75
0.80
4.15
4.15
3.00
1.40
Material:
• Insulator: P.B.T. 30% Glass Fiber, UL 94V-0
• Contact Material: Phosphor Bronze, Gold flash
over Nickel
Electrical:
• Current Rating: 1Amp DC
• Dielectric Withstanding: 500V AC
• Operating Temperature: -55°C ~ +105°C


Similar Part No. - AWP2-40-7241-T

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWP2-06-7241-T ASSMANN-AWP2-06-7241-T Datasheet
72Kb / 1P
   IDC-Socket - 2.00MM Pitch
AWP2-08-7241-T-R ASSMANN-AWP2-08-7241-T-R Datasheet
73Kb / 1P
   IDC-Socket - 2.00MM Pitch
AWP2-10-7241-T ASSMANN-AWP2-10-7241-T Datasheet
69Kb / 1P
   IDC Socket - 10 contact
AWP2-12-7240-T-R ASSMANN-AWP2-12-7240-T-R Datasheet
281Kb / 1P
   IDC-Socket, Pitch 2.0MM, 12 Contacts
AWP2-12-7241-T-R ASSMANN-AWP2-12-7241-T-R Datasheet
73Kb / 1P
   IDC-Socket - 2.00MM Pitch
More results

Similar Description - AWP2-40-7241-T

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
AWP-40-7541-T ASSMANN-AWP-40-7541-T Datasheet
73Kb / 1P
   IDC Socket - 40 contact
AWP-40-7241-T ASSMANN-AWP-40-7241-T Datasheet
72Kb / 1P
   IDC Socket - 40 contact
AWP2-26-7241-T ASSMANN-AWP2-26-7241-T Datasheet
69Kb / 1P
   IDC Socket - 26 contact
AWP-20-7241-T ASSMANN-AWP-20-7241-T Datasheet
72Kb / 1P
   IDC Socket - 20 contact
AWP-60-7541-T ASSMANN-AWP-60-7541-T Datasheet
74Kb / 1P
   IDC Socket - 60 contact
AWP2-50-7241-T ASSMANN-AWP2-50-7241-T Datasheet
69Kb / 1P
   IDC Socket - 50 contact
AWP-06-7241-T ASSMANN-AWP-06-7241-T Datasheet
72Kb / 1P
   IDC Socket - 6 contact
AWP-08-7541-T ASSMANN-AWP-08-7541-T Datasheet
73Kb / 1P
   IDC Socket - 8 contact
AWP-26-7241-T ASSMANN-AWP-26-7241-T Datasheet
72Kb / 1P
   IDC Socket - 26 contact
AWP2-10-7241-T ASSMANN-AWP2-10-7241-T Datasheet
69Kb / 1P
   IDC Socket - 10 contact
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com