Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8079 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8079
Description  Dual 260 MHz Gain 2.0 & 2.2 Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8079 Datasheet(HTML) 4 Page - Analog Devices

  AD8079_15 Datasheet HTML 1Page - Analog Devices AD8079_15 Datasheet HTML 2Page - Analog Devices AD8079_15 Datasheet HTML 3Page - Analog Devices AD8079_15 Datasheet HTML 4Page - Analog Devices AD8079_15 Datasheet HTML 5Page - Analog Devices AD8079_15 Datasheet HTML 6Page - Analog Devices AD8079_15 Datasheet HTML 7Page - Analog Devices AD8079_15 Datasheet HTML 8Page - Analog Devices AD8079_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AD8079
REV. A
–4–
FREQUENCY – Hz
1M
1G
10M
100M
–0.5
0.1
0
–0.1
–0.2
–0.3
–0.4
1
0
–9
–1
–2
–3
–4
–5
–6
–7
–8
SIDE 2
SIDE 1
SIDE 2
SIDE 1
RL = 100Ω
VIN = 50mV rms
50
50
Figure 6. Frequency Response and Flatness
FREQUENCY – Hz
–50
–60
–110
10k
100M
100k
1M
10M
–70
–80
–100
–90
2ND HARMONIC
3RD HARMONIC
RL = 100Ω
Figure 7. Distortion vs. Frequency, RL = 100 Ω
–60
–90
–120
–100
–110
–80
–70
100k
100M
10M
1M
10k
FREQUENCY – Hz
RL = 1kΩ
VOUT = 2Vp-p
2ND HARMONIC
3RD HARMONIC
Figure 8. Distortion vs. Frequency, RL = 1 kΩ
8
7
6
2
1
AD8079
+5V
10µF
0.1µF
50
VIN
PULSE
GENERATOR
0.1µF
10µF
–5V
RL = 100Ω
TR/TF = 250ps
Figure 3. Test Circuit
20mV
5ns
SIDE 2
SIDE 1
100mV STEP
Figure 4. 100 mV Step Response
200mV
5ns
SIDE 2
SIDE 1
1V STEP
Figure 5. 1 V Step Response


Similar Part No. - AD8079_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8079AR AD-AD8079AR Datasheet
348Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR AD-AD8079AR Datasheet
351Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR AD-AD8079AR Datasheet
288Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR-REEL AD-AD8079AR-REEL Datasheet
348Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079AR-REEL AD-AD8079AR-REEL Datasheet
351Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
More results

Similar Description - AD8079_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8079ARZ AD-AD8079ARZ Datasheet
288Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079 AD-AD8079 Datasheet
348Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
AD8079ARZ AD-AD8079ARZ Datasheet
351Kb / 12P
   Dual 260 MHz Gain = 2.0 & 2.2 Buffer
REV. A
logo
Texas Instruments
OPA3S2859 TI-OPA3S2859 Datasheet
2Mb / 33P
[Old version datasheet]   OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/?숰z, Programmable Gain Transimpedance Amplifier
MAY 2022
OPA3S2859 TI-OPA3S2859_V01 Datasheet
2Mb / 34P
[Old version datasheet]   OPA3S2859 Dual-Channel, 900-MHz, 2.2-nV/√Hz, Programmable Gain Transimpedance Amplifier
REVISED AUGUST 2022
logo
National Semiconductor ...
LMH6704 NSC-LMH6704_14 Datasheet
944Kb / 20P
   MHz Selectable Gain Buffer with Disable
LMH6704 NSC-LMH6704 Datasheet
774Kb / 12P
   650 MHz Progammable Gain Buffer with Disable
logo
Texas Instruments
LMH6704 TI1-LMH6704_15 Datasheet
949Kb / 20P
[Old version datasheet]   650 MHz Selectable Gain Buffer with Disable
logo
National Semiconductor ...
CLC5632 NSC-CLC5632 Datasheet
202Kb / 19P
   Dual, High Output, Programmable Gain Buffer
CLC417 NSC-CLC417 Datasheet
147Kb / 8P
   Dual Low-Power, Programmable Gain Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com