Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8106 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8106
Description  Video Crosspoint Switches
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8106 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8106_15 Datasheet HTML 4Page - Analog Devices AD8106_15 Datasheet HTML 5Page - Analog Devices AD8106_15 Datasheet HTML 6Page - Analog Devices AD8106_15 Datasheet HTML 7Page - Analog Devices AD8106_15 Datasheet HTML 8Page - Analog Devices AD8106_15 Datasheet HTML 9Page - Analog Devices AD8106_15 Datasheet HTML 10Page - Analog Devices AD8106_15 Datasheet HTML 11Page - Analog Devices AD8106_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
AD8106/AD8107
Rev. 0 | Page 8 of 28
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
56
57
58
59
54
55
52
53
50
51
60
45
46
47
48
43
44
42
49
41
5
4
3
2
7
6
9
8
1
11
10
16
15
14
13
18
17
20
19
12
CE
RESERVED
CLK
RESERVED
UPDATE
RESERVED
A0
A1
A2
D0
D1
D2
D3
D4
AGND
AVEE
AVCC
AVCC00
AGND00
OUT00
IN08
AGND
IN09
AGND
IN10
AGND
IN11
AGND
IN12
AGND
IN13
AGND
IN14
AGND
IN15
AGND
AVEE
AVCC
AVCC
NC
AD8106/AD8107
16 × 5
80L LQFP
(12mm × 12mm)
TOP VIEW
(PINS DOWN)
0.5mm LEAD PITCH
PIN 1
INDICATOR
Figure 5. 80-Lead Plastic LQFP
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
INxx
Analog Inputs; xx = Channel Numbers 00 through 15.
64 , 66, 68, 70, 72, 74, 76, 78, 1,
3, 5, 7, 9, 11, 13, 15,
58
CLK
Clock, TTL Compatible. Falling edge triggered.
56
UPDATE
Enable (Transparent) Low. Allows serial register to connect directly to switch matrix. Data
latched when high.
61
RESET
Disable Outputs, Active Low.
60
CE
Chip Enable, Enable Low. Must be low to clock in and latch data.
41, 38, 35, 32, 29
OUTyy
Analog Outputs; yy = Channel Numbers 00 Through 04.
AGND
Analog Ground for Inputs and Switch Matrix.
2, 4, 6, 8, 10, 12, 14, 16, 21, 24, 27,
46, 65, 67, 69, 71, 73, 75, 77
63, 79
DVCC
5 V for Digital Circuitry.
62, 80
DGND
Ground for Digital Circuitry.
17, 22, 45
AVEE
−5 V for Inputs and Switch Matrix.
18, 19, 25, 44
AVCC
+5 V for Inputs and Switch Matrix.
42, 39, 36, 33, 30
AGNDxx
Ground for Output Amp; xx = Output Channel Numbers 00 Through 07. Must be connected.
43, 37, 31, 22
AVCCxx/yy
+5 V for Output Amplifier. Shared by channel numbers xx and yy. Must be connected.
40, 34, 28
AVEExx/yy
−5 V for Output Amplifier. Shared by channel numbers xx and yy. Must be connected.
54
A0
Parallel Data Input, TTL Compatible (Output Select LSB).
53
A1
Parallel Data Input, TTL Compatible (Output Select).
52
A2
Parallel Data Input, TTL Compatible (Output Select MSB).
51
D0
Parallel Data Input, TTL Compatible (Input Select LSB).
50
D1
Parallel Data Input, TTL Compatible (Input Select).
49
D2
Parallel Data Input, TTL Compatible (Input Select).
48
D3
Parallel Data Input, TTL Compatible (Input Select MSB).
47
D4
Parallel Data Input, TTL Compatible (Output Enable).


Similar Part No. - AD8106_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
   Video Crosspoint Switches
More results

Similar Description - AD8106_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8107 AD-AD8107_15 Datasheet
580Kb / 28P
   Video Crosspoint Switches
REV. 0
AD8106 AD-AD8106_16 Datasheet
416Kb / 22P
   Video Crosspoint Switches
AD8108 AD-AD8108_16 Datasheet
469Kb / 27P
   8x8 Buffered Video Crosspoint Switches
logo
Maxim Integrated Produc...
MAX458 MAXIM-MAX458 Datasheet
135Kb / 16P
   8x4 Video Crosspoint Switches with Buffers
Rev 2; 4/95
logo
Analog Devices
AD8110 AD-AD8110_16 Datasheet
288Kb / 21P
   16x 8 Buffered Video Crosspoint Switches
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Maxim Integrated Produc...
MAX4111 MAXIM-MAX4111 Datasheet
100Kb / 12P
   330MHz Buffered Video Switches/ Crosspoint Building Blocks
19-0402; Rev 0; 6/95
MAX4359 MAXIM-MAX4359 Datasheet
249Kb / 16P
   Low-Cost 4x4, 8x4, 8x8 Video Crosspoint Switches
Rev 1; 12/99
MAX4548 MAXIM-MAX4548 Datasheet
273Kb / 20P
   Serially Controlled, Triple 3x2 Audio/Video Crosspoint Switches
Rev 0; 6/99
logo
Analog Devices
AD8111ASTZ AD-AD8111ASTZ Datasheet
606Kb / 29P
   260 MHz, 16  8 Buffered Video Crosspoint Switches
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com