Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPB1507GV Datasheet(PDF) 3 Page - NEC

Part # UPB1507GV
Description  3GHz INPUT DIVIDE BY 256, 128, 64 PRESCALER IC FOR ANALOG DBS TUNERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB1507GV Datasheet(HTML) 3 Page - NEC

  UPB1507GV Datasheet HTML 1Page - NEC UPB1507GV Datasheet HTML 2Page - NEC UPB1507GV Datasheet HTML 3Page - NEC UPB1507GV Datasheet HTML 4Page - NEC UPB1507GV Datasheet HTML 5Page - NEC UPB1507GV Datasheet HTML 6Page - NEC UPB1507GV Datasheet HTML 7Page - NEC UPB1507GV Datasheet HTML 8Page - NEC UPB1507GV Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
3
PPPPPB1506GV, PPPPPB1507GV
SYSTEM APPLICATION EXAMPLE
RF unit block of Analog DBS tuners
CMOS
PLL
synthesizer
BPF
SAW
AGC amp.
FM demo.
LPF
OSC
MIX
Baseband output
High division prescaler
PB1506GV or
PB1507GV
µ
µ
To 2150 MHz
To 2650 MHz
loop filter
1stIF input
from DBS converter
RF unit block of Analog CATV converter
CMOS
PLL
synthesizer
BPF
BPF
LPF
OSC
upconverter
To 800 MHz
To 2000 MHz
loop filter
To 1300 MHz
downconverter
High division prescaler
PB1506GV or
PB1507GV
µ
µ


Similar Part No. - UPB1507GV

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
UPB1507GV CEL-UPB1507GV Datasheet
140Kb / 11P
   NEC 3.0 GHz DIVIDE BY 64/128/256 PRESCALER
UPB1507GV-E1 CEL-UPB1507GV-E1 Datasheet
140Kb / 11P
   NEC 3.0 GHz DIVIDE BY 64/128/256 PRESCALER
logo
Renesas Technology Corp
UPB1507GV-E1 RENESAS-UPB1507GV-E1 Datasheet
573Kb / 22P
   BIPOLAR DIGITAL INTEGRATED CIRCUITS
1996
logo
List of Unclassifed Man...
UPB1507GV-E1-A ETC2-UPB1507GV-E1-A Datasheet
718Kb / 16P
   BIPOLAR DIGITAL INTEGRATED CIRCUITS PB1507GV
More results

Similar Description - UPB1507GV

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1510GV NEC-UPB1510GV Datasheet
139Kb / 12P
   3 GHz INPUT DIVIDE BY 4 PRESCALER IC FOR DBS TUNERS
UPB1508GV NEC-UPB1508GV Datasheet
77Kb / 12P
   3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS
logo
California Eastern Labs
UPB1507GV CEL-UPB1507GV Datasheet
140Kb / 11P
   NEC 3.0 GHz DIVIDE BY 64/128/256 PRESCALER
logo
NEC
UPB1502GR NEC-UPB1502GR Datasheet
75Kb / 4P
   DIVIDE- BY- 64/65/128/129 PRESCALER
logo
NXP Semiconductors
SAB6456 PHILIPS-SAB6456 Datasheet
77Kb / 10P
   Sensitive 1 GHz divide-by-64/divide-by-256 switchable prescaler
June 1986
logo
Fairchild Semiconductor
11C83 FAIRCHILD-11C83 Datasheet
301Kb / 4P
   1GHz DIVIDE-BY-248/256 PRESCALER
logo
NEC
UPB586B NEC-UPB586B Datasheet
62Kb / 4P
   2.5 GHz DIVIDE- BY- 512/256 PRESCALER
UPB1505GR NEC-UPB1505GR Datasheet
60Kb / 8P
   3.0 GHz PRESCALER DIVIDED BY 256, 128, 64 FOR BS/CS TUNER
logo
California Eastern Labs
UPB1514TU CEL-UPB1514TU Datasheet
408Kb / 13P
   16 GHz INPUT DIVIDE BY 8 PRESCALER IC FOR SATELLITE COMMUNICATIONS
logo
NXP Semiconductors
SA701 PHILIPS-SA701 Datasheet
82Kb / 7P
   Divide by: 128/129-64/65 dual modulus low power ECL prescaler
June 17, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com