Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRL9230H Datasheet(PDF) 6 Page - Intersil Corporation

Part # FRL9230H
Description  3A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FRL9230H Datasheet(HTML) 6 Page - Intersil Corporation

  FRL9230H Datasheet HTML 1Page - Intersil Corporation FRL9230H Datasheet HTML 2Page - Intersil Corporation FRL9230H Datasheet HTML 3Page - Intersil Corporation FRL9230H Datasheet HTML 4Page - Intersil Corporation FRL9230H Datasheet HTML 5Page - Intersil Corporation FRL9230H Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
4-6
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
FRL9230D, FRL9230R, FRL9230H
TO-205AF
3 LEAD JEDEC TO-205AF HERMETIC METAL CAN PACKAGE
L
A
Ø
b
ØD1
ØD
h
1
2
3
e
e1
SEATING
PLANE
90o
e2
j
k
P
45o
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.160
0.180
4.07
4.57
-
Øb
0.016
0.021
0.41
0.53
2, 3
ØD
0.350
0.370
8.89
9.39
-
ØD1
0.315
0.335
8.01
8.50
-
e
0.095
0.105
2.42
2.66
4
e1
0.190
0.210
4.83
5.33
4
e2
0.095
0.105
2.42
2.66
4
h
0.010
0.020
0.26
0.50
-
j
0.028
0.034
0.72
0.86
-
k
0.029
0.045
0.74
1.14
-
L
0.500
0.560
12.70
14.22
3
P
0.075
-
1.91
-
5
NOTES:
1. These dimensions are within allowable dimensions of Rev. E of
JEDEC TO-205AF outline dated 11-82.
2. Lead dimension (without solder).
3. Solder coating may vary along lead length, add typically 0.002
inches (0.05mm) for solder coating.
4. Position of lead to be measured 0.100 inches (2.54mm) from bottom
of seating plane.
5. This zone controlled for automatic handling. The variation in
actual diameter within this zone shall not exceed 0.010 inches
(0.254mm).
6. Lead no. 3 butt welded to stem base.
7. Controlling dimension: Inch.
8. Revision 3 dated 6-94.


Similar Part No. - FRL9230H

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRL9130D INTERSIL-FRL9130D Datasheet
47Kb / 6P
   5A, -100V, 0.550 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRL9130H INTERSIL-FRL9130H Datasheet
47Kb / 6P
   5A, -100V, 0.550 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRL9130R INTERSIL-FRL9130R Datasheet
47Kb / 6P
   5A, -100V, 0.550 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
More results

Similar Description - FRL9230H

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRM9230D INTERSIL-FRM9230D Datasheet
57Kb / 6P
   4A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FSL9230D INTERSIL-FSL9230D Datasheet
46Kb / 8P
   3A, -200V, 1.50 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FRM9240D INTERSIL-FRM9240D Datasheet
47Kb / 6P
   7A, -200V, 0.720 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9240D INTERSIL-FRS9240D Datasheet
48Kb / 6P
   7A, -200V, 0.735 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRF9250D INTERSIL-FRF9250D Datasheet
48Kb / 6P
   14A, -200V, 0.315 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9260D INTERSIL-FRK9260D Datasheet
47Kb / 6P
   26A, -200V, 0.200 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRE9260D INTERSIL-FRE9260D Datasheet
47Kb / 6P
   19A, -200V, 0.210 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9250D INTERSIL-FRM9250D Datasheet
50Kb / 6P
   16A, -200V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9230D INTERSIL-FRS9230D Datasheet
49Kb / 6P
   4A, -200V, 1.32 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FSL9110D INTERSIL-FSL9110D Datasheet
57Kb / 8P
   2.5A, -100V, 1.30 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
October 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com