Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PRHMB200E6 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # PRHMB200E6
Description  IGBT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PRHMB200E6 Datasheet(HTML) 1 Page - National Instruments Corporation

  PRHMB200E6_15 Datasheet HTML 1Page - National Instruments Corporation PRHMB200E6_15 Datasheet HTML 2Page - National Instruments Corporation PRHMB200E6_15 Datasheet HTML 3Page - National Instruments Corporation PRHMB200E6_15 Datasheet HTML 4Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
00
日本インター株式会社
IGBT Module-Chopper
200
A,600V
PRHMB200E6
□ 回 路 図 :
CIRCUIT
□ 外 形 寸 法 図
OUTLINE DRAWING
Dimension:[mm]
□ 最 大 定 格 :
MAXIMUM RATINGS (T
=25℃)
Item
Symbol
Rated
Value
Unit
コレクタ・エミッタ間電圧
Collector-Emitter Voltage
CES
600
ゲ ー ト・エ ミ ッ タ 間 電 圧
Gate-Emitter Voltage
GES
±20
DC
200
コ レ
ク タ 電
Collector Current
1ms
CP
400
コ レ
ク タ 損
Collector Power Dissipation
780
Junction
Temperature
Range
-40~+150
Storage Temperature Range
stg
-40~+125
圧(Terminal to Base AC,1minute)
Isolation Voltage
ISO
2,500
(RMS)
Module Base to Heatsink
3(30.6)
締 め 付 け ト ル ク
Mounting
Torque
Busbar to Main Terminal
tor
2(20.4)
N・m
(kgf・cm)
□ 電 気 的 特 性
ELECTRICAL CHARACTERISTICS (T
=25℃)
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
コ レ
ク タ 遮
断 電
Collector-Emitter Cut-Off Current
CES
CE= 600V, VGE= 0V
1.0
mA
ゲ ー
ト 漏 れ
電 流
Gate-Emitter Leakage Current
GES
GE= ±20V,VCE= 0V
1.0
μA
コレクタ・エミッタ間飽和電圧
Collector-Emitter Saturation Voltage
CE(sat)
= 200A,VGE= 15V
2.1
2.6
ゲ ー
ト し き い 値 電 圧
Gate-Emitter Threshold Voltage
GE(th)
CE= 5V,I= 200mA
4.0
8.0
Input Capacitance
ies
CE= 10V,VGE= 0V,f= 1MH
10,000
pF
上 昇 時 間 Rise
Time
0.15
0.30
ターンオン時間 Turn-on Time
on
0.25
0.40
下 降 時 間 Fall
Time
0.10
0.35
スイッチング時間
Switching Time
ターンオフ時間 Turn-off Time
off
CC= 300V
=
1.5Ω
=
3.6Ω
GE= ±15V
0.35
0.70
μs
□フリーホイーリングダイオードの 特 性:
FREE WHEELING DIODE RATINGS & CHARACTERISTICS(T
=25℃)
Item
Symbol
Rated
Value
Unit
DC
200
Forward Current
1ms
FM
400
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Peak Forward Voltage
= 200A,VGE= 0V
1.9
2.4
逆 回
復 時 間
Reverse Recovery Time
rr
= 200A,VGE= -10V
di/dt= 400A/μs
0.15
0.25
μs
□ 熱
特 性 :
THERMAL CHARACTERISTICS
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
IGBT
0.16
Thermal Impedance
Diode
Rth(j-c)
Junction to Case
(Tc測定点チップ直下)
0.38
℃/W
7(G2)
6(E2)
(C1)
3
(E2)
2
(C2E1)
1
2-Ø6.5
23.0
23.0
17.0
3-M5
±0.25
12.0
12.0
12.0
11.0
11.0
80
94.0
1
2
3
7
6
14
9
14
9
14
4-fasten tab
#110 t=0.5
LABEL


Similar Part No. - PRHMB200E6_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PRHMB200E6 NIEC-PRHMB200E6 Datasheet
262Kb / 4P
   IGBT Module-Dual
More results

Similar Description - PRHMB200E6_15

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FZ1200R12KL4C EUPEC-FZ1200R12KL4C Datasheet
263Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FZ1200R17KE3 EUPEC-FZ1200R17KE3 Datasheet
284Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
logo
Infineon Technologies A...
FF800R17KF6C-B2 INFINEON-FF800R17KF6C-B2 Datasheet
407Kb / 8P
   IGBT-Wechselrichter / IGBT-inverter
2012-09-27 revision:2.1
FP15R12W1T4_B11 INFINEON-FP15R12W1T4_B11 Datasheet
423Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision:2.0
FP10R12W1T4_B11 INFINEON-FP10R12W1T4_B11 Datasheet
422Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
2009-10-19 revision: 2.0
logo
eupec GmbH
FZ1200R33KF2C EUPEC-FZ1200R33KF2C Datasheet
253Kb / 7P
   IGBT-Wechselrichter / IGBT-inverter
FP15R12KT3 EUPEC-FP15R12KT3 Datasheet
342Kb / 11P
   IGBT-Wechselrichter / IGBT-inverter
logo
Infineon Technologies A...
DF100R07W1H5FP_B54 INFINEON-DF100R07W1H5FP_B54 Datasheet
705Kb / 11P
   IGBT,Wechselrichter / IGBT,Inverter
V3.0 2017-04-06
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com