Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PT50S16 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # PT50S16
Description  DIODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

PT50S16 Datasheet(HTML) 1 Page - National Instruments Corporation

  PT50S16_15 Datasheet HTML 1Page - National Instruments Corporation PT50S16_15 Datasheet HTML 2Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
─95─
■回路図 CIRCUIT
■外形寸法図 OUTLINE DRAWING (単位 Dimension:mm)
■最大定格 Maximum Ratings
項   目
Parameter
記号
Symbol
耐圧クラス Grade
単位
Unit
くり返しピーク逆電圧
*1
Repetitive Peak Reverse Voltage
VRRM
1600
V
非くり返しピーク逆電圧
*1
Non Repetitive Peak Reverse Voltage
VRSM
1700
V
PT50S16
項   目
Parameter
記号
Symbol
条   件
Conditions
定格値
Max. Rated Value
単位
Unit
平均出力電流
Average Rectified Output Current
I0(AV)
三相全波整流
Tc=Tt=87℃
3-Phase Full Wave, Rectified (Terminal)
50
A
電流二乗時間積
*1
I Squared t
I
2t
2∼10ms
1000
A
2
s
動作接合温度範囲
Operating Junction Temperature Range
Tjw
−40∼+125
保存温度範囲
Storage Temperature Range
Tstg
−40∼+125
締付トルク
Mounting Torque
Ftor
推奨値
Recommended value
2.4∼2.8
N・m
2.4∼2.8
N・m
ベース部
Mounting
主端子部
Terminal
項   目
Parameter
記号
Symbol
条   件
Conditions
特性値(最大)
Maximum Value
単位
Unit
ピーク逆電流
*1
Peak Reverse Current
IRM
Tj=125℃,VRM=VRRM
10
mA
ピーク順電圧
*1
Peak Forward Voltage
VFM
Tj=25℃,IFM=50A
1.3
V
熱抵抗
Thermal Resistance
Rth
(j-c)
接合部−ケース間(トータル)
Junction to Case, Total
0.3
℃/W
接触熱抵抗
Thermal Resistance
Rth
(c-f)
ケース−フィン間
(トータル)
サーマルコンパウンド塗布
Case to Fin, Total, Greased
0.06
℃/W
質量…約180g
*1:1アーム当りの値 Value Per 1 Arm.
Approximate Weight
サージ順電流
*1
Surge Forward Current
IFSM
50Hz正弦半波,1サイクル,非くり返し
Half Sine Wave, 1Pulse, Non-Repetitive
450
A
絶縁耐圧
Isolation Voltage
Viso
端子−裏面ベース間,AC1分間
Terminal to Base, AC1min.
2500
V
■電気的特性 Electrical Characteristics
M5
M5
DIODE
50A Avg 1600 Volts
PT50S16


Similar Part No. - PT50S16_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
PT50S16 NIEC-PT50S16_1 Datasheet
284Kb / 2P
   50A Avg 1600 Volts
More results

Similar Description - PT50S16_15

ManufacturerPart #DatasheetDescription
logo
SEMPO ELECTRONIC Limite...
SMDD-160 SEMPO-SMDD-160 Datasheet
45Kb / 1P
   Diode-Diode Module
SMDD-70 SEMPO-SMDD-70 Datasheet
49Kb / 1P
   DIODE-DIODE MODULE
logo
Sirectifier Semiconduct...
SDD320 SIRECTIFIER-SDD320 Datasheet
255Kb / 4P
   Diode-Diode Modules
SDD190 SIRECTIFIER-SDD190 Datasheet
727Kb / 4P
   Diode-Diode Modules
SDD165 SIRECTIFIER-SDD165 Datasheet
740Kb / 4P
   Diode-Diode Modules
logo
Naina Semiconductor ltd...
100NDD NAINA-100NDD Datasheet
137Kb / 2P
   Diode ??Diode Module
160NDD NAINA-160NDD Datasheet
130Kb / 2P
   Diode - Diode Module
logo
SEMPO ELECTRONIC Limite...
SMDD-50 SEMPO-SMDD-50 Datasheet
77Kb / 1P
   DIODE-DIODE MODULE
SMDD-90H SEMPO-SMDD-90H Datasheet
42Kb / 1P
   DIODE-DIODE MODULE
logo
List of Unclassifed Man...
SDD100 ETC2-SDD100 Datasheet
996Kb / 4P
   Diode-Diode Modules
logo
SEMPO ELECTRONIC Limite...
MAA-100 SEMPO-MAA-100 Datasheet
72Kb / 2P
   Diode-Diode Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com