Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRM230H Datasheet(PDF) 1 Page - Intersil Corporation

Part # FRM230H
Description  8A, 200V, 0.50 Ohm, Rad Hard, N-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FRM230H Datasheet(HTML) 1 Page - Intersil Corporation

  FRM230H Datasheet HTML 1Page - Intersil Corporation FRM230H Datasheet HTML 2Page - Intersil Corporation FRM230H Datasheet HTML 3Page - Intersil Corporation FRM230H Datasheet HTML 4Page - Intersil Corporation FRM230H Datasheet HTML 5Page - Intersil Corporation FRM230H Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
4-1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999
FRM230D, FRM230R,
FRM230H
8A, 200V, 0.50 Ohm, Rad Hard,
N-Channel Power MOSFETs
File Number
3249.2
Package
TO-204AA
Symbol
D
G
S
Features
• 8A, 200V, RDS(on) = 0.50
• Second Generation Rad Hard MOSFET Results From New Design Concepts
• Gamma
- Meets Pre-Rad Specifications to 100KRAD(Si)
- Defined End Point Specs at 300KRAD(Si) and 1000KRAD(Si)
- Performance Permits Limited Use to 3000KRAD(Si)
• Gamma Dot
- Survives 3E9RAD(Si)/sec at 80% BVDSS Typically
- Survives 2E12 Typically If Current Limited to IDM
• Photo Current
- 3.0nA Per-RAD(Si)/sec Typically
• Neutron
- Pre-RAD Specifications for 1E13 Neutrons/cm2
- Usable to 1E14 Neutrons/cm2
Description
The Intersil Corporation has designed a series of SECOND GENERATION hard-
ened power MOSFETs of both N and P channel enhancement types with ratings
from 100V to 500V, 1A to 60A, and on resistance as low as 25m
Ω. Total dose
hardness is offered at 100K RAD(Si) and 1000KRAD(Si) with neutron hardness
ranging from 1E13n/cm2 for 500V product to 1E14n/cm2 for 100V product. Dose
rate hardness (GAMMA DOT) exists for rates to 1E9 without current limiting and
2E12 with current limiting.
This MOSFET is an enhancement-mode silicon-gate power field effect transistor of
the vertical DMOS (VDMOS) structure. It is specially designed and processed to
exhibit minimal characteristic changes to total dose (GAMMA) and neutron (no)
exposures. Design and processing efforts are also directed to enhance survival to
heavy ion (SEE) and/or dose rate (GAMMA DOT) exposure.
This part may be supplied as a die or in various packages other than shown above.
Reliability screening is available as either non TX (commercial), TX equivalent of
MIL-S-19500, TXV equivalent of MIL-S-19500, or space equivalent of
MIL-S-19500. Contact the Intersil High-Reliability Marketing group for any desired
deviations from the data sheet.
Absolute Maximum Ratings (TC = +25oC) Unless Otherwise Specified
FRM230D, R, H
UNITS
Drain-Source Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDS
200
V
Drain-Gate Voltage (RGS = 20k
Ω). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . VDGR
200
V
Continuous Drain Current
TC = +25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID
TC = +100oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .ID
8
5
A
A
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IDM
24
A
Gate-Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
±20
V
Maximum Power Dissipation
TC = +25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PT
TC = +100oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . PT
Derated Above +25oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
30
0.60
W
W
W/oC
Inductive Current, Clamped, L = 100
µH, (See Test Figure). . . . . . . . . . . . . . . . . . . . . . . . . . ILM
24
A
Continuous Source Current (Body Diode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IS
8
A
Pulsed Source Current (Body Diode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ISM
24
A
Operating And Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJC, TSTG
-55 to +150
oC
Lead Temperature (During Soldering)
Distance > 0.063 in. (1.6mm) From Case, 10s Max. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
300
oC
June 1998


Similar Part No. - FRM230H

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
FRM234 ISC-FRM234 Datasheet
49Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Intersil Corporation
FRM234D INTERSIL-FRM234D Datasheet
48Kb / 6P
   7A, 250V, 0.70 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM234H INTERSIL-FRM234H Datasheet
48Kb / 6P
   7A, 250V, 0.70 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRM234R INTERSIL-FRM234R Datasheet
48Kb / 6P
   7A, 250V, 0.70 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results

Similar Description - FRM230H

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSS230D INTERSIL-FSS230D Datasheet
46Kb / 8P
   8A, 200V, 0.440 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
JANSR2N7400 INTERSIL-JANSR2N7400 Datasheet
43Kb / 8P
   8A, 200V, 0.440 Ohm, Rad Hard, N-Channel Power MOSFET
FRF250D INTERSIL-FRF250D Datasheet
49Kb / 6P
   23A, 200V, 0.115 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK260D INTERSIL-FRK260D Datasheet
47Kb / 6P
   46A, 200V, 0.070 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS240D INTERSIL-FRS240D Datasheet
48Kb / 6P
   12A, 200V, 0.255 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRE260D INTERSIL-FRE260D Datasheet
49Kb / 6P
   31A, 200V, 0.080 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRL230D INTERSIL-FRL230D Datasheet
47Kb / 6P
   5A, 200V, 0.500 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRS230D INTERSIL-FRS230D Datasheet
48Kb / 6P
   7A, 200V, 0.515 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRL130D INTERSIL-FRL130D Datasheet
47Kb / 6P
   8A, 100V, 0.180 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
FRK250D INTERSIL-FRK250D Datasheet
48Kb / 6P
   27A, 200V, 0.100 Ohm, Rad Hard, N-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com