Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8156 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8156
Description  Digital Crosspoint Switch with EQ
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8156 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8156_15 Datasheet HTML 6Page - Analog Devices AD8156_15 Datasheet HTML 7Page - Analog Devices AD8156_15 Datasheet HTML 8Page - Analog Devices AD8156_15 Datasheet HTML 9Page - Analog Devices AD8156_15 Datasheet HTML 10Page - Analog Devices AD8156_15 Datasheet HTML 11Page - Analog Devices AD8156_15 Datasheet HTML 12Page - Analog Devices AD8156_15 Datasheet HTML 13Page - Analog Devices AD8156_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8156
Rev. 0 | Page 10 of 20
25ps/DIV
Figure 14. Input Eye Diagram at 6.25 Gbps, 40” FR4
0
DIFFERENTIAL INPUT (V p-p)
1.0
0.5
2.0
1.5
2.5
6.25Gbps
3.2Gbps
35
0
30
25
20
15
10
5
Figure 15. Deterministic Jitter vs. Input Signal Level (No EQ)
35
0
06
INPUT DATA RATE (Gbps)
30
25
20
15
10
5
2
15
4
3
7
DETERMINISTIC
JITTER
Figure 16. Deterministic Jitter vs. Data Rate (No EQ)
25ps/DIV
Figure 17. Output Eye Diagram at 6.25Gbps, 40” FR4, Optimal EQ
35
0
–40
80
TEMPERATURE (°C)
30
25
20
15
10
5
0
–20
60
40
20
6.25Gbps
Figure 18. Deterministic Jitter vs. Temperature (Optimal EQ, 20” FR4)
35
0
0.1
10
FREQUENCY (GHz)
30
25
20
15
10
5
1
Figure 19. Input EQ Gain vs. Frequency


Similar Part No. - AD8156_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8156-EVALZ AD-AD8156-EVALZ Datasheet
537Kb / 20P
   6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
REV. 0
AD8156ABCZ AD-AD8156ABCZ Datasheet
537Kb / 20P
   6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
REV. 0
More results

Similar Description - AD8156_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8156 AD-AD8156 Datasheet
537Kb / 20P
   6.25 Gbps 4횞4 Digital Crosspoint Switch with EQ
REV. 0
AD8151 AD-AD8151_15 Datasheet
1Mb / 40P
   Digital Crosspoint Switch
REV. B
AD8152 AD-AD8152_15 Datasheet
1Mb / 32P
   Asynchronous Digital Crosspoint Switch
REV. A
logo
ams AG
AS3588A AMSCO-AS3588A Datasheet
98Kb / 15P
   DIGITAL TIME/SPACE CROSSPOINT SWITCH
logo
Analog Devices
AD8117 AD-AD8117 Datasheet
469Kb / 32P
   Video Crosspoint Switch Video Crosspoint Switch
Rev. PrA
logo
Fairchild Semiconductor
MSX532 FAIRCHILD-MSX532 Datasheet
677Kb / 36P
   532 Port Digital Crosspoint Switch with LVTTL I/O?셲
logo
TriQuint Semiconductor
TQ8025 TRIQUINT-TQ8025 Datasheet
217Kb / 10P
   2.5 Gigabit/sec 16x16 Digital Crosspoint Switch
logo
Vitesse Semiconductor C...
VSC3004 VITESSE-VSC3004 Datasheet
456Kb / 2P
   Crosspoint Switch with Integrated Equalization
VSC3104 VITESSE-VSC3104 Datasheet
446Kb / 2P
   crosspoint switch with integrated equalization
logo
Analog Devices
AD8150 AD-AD8150_15 Datasheet
756Kb / 44P
   Crosspoint Switch
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com