Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NRS6020T2R2NMGJ Datasheet(PDF) 1 Page - Taiyo Yuden (U.S.A.), Inc

Part # NRS6020T2R2NMGJ
Description  SMD Power Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAIYO-YUDEN [Taiyo Yuden (U.S.A.), Inc]
Direct Link  http://www.t-yuden.com/
Logo TAIYO-YUDEN - Taiyo Yuden (U.S.A.), Inc

NRS6020T2R2NMGJ Datasheet(HTML) 1 Page - Taiyo Yuden (U.S.A.), Inc

  NRS6020T2R2NMGJ Datasheet HTML 1Page - Taiyo Yuden (U.S.A.), Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Spec Sheet
http://www.ty-top.com
The data is reference only. Electrical characteristics vary depending on environment or measurement condition.
TAIYO YUDEN reserves the right to make change to the Date at any time without notice.
Before making final selection, please check product specification.
INDUCTORS
SMD Power Inductors (NR series S type)
NRS6020T2R2NMGJ
Features
Item Summary
2.2μH(±30%), 3200mA, 2900mA
Lifecycle Stage
Mass Production
Standard packaging quantity (minimum)
Taping 2500pcs
Products characteristics table
CaseSize (EIA/JIS)
-/6060
Inductance
2.2μH(±30%)
Inductance Measuring Frequency
100kHz
Rated Current -Saturation Current
3200mA
Rated Current -Temperature Rise Current
2900mA
DC Resistance (max)
0.0408Ω
Avg. of DC.Resistance
0.034Ω
Self-resonant Frequency (min)
73MHz
RoHS Compliance
Yes
Halogen Free
Yes
Soldering Method
Reflow
External Dimensions
L
6mm ±0.2
W
6mm ±0.2
H
2mm max
Recommended Land Patterns
2015.02.27
1 / 1


Similar Part No. - NRS6020T2R2NMGJ

ManufacturerPart #DatasheetDescription
logo
Taiyo Yuden (U.S.A.), I...
NRS6020T2R2NMGJ TAIYO-YUDEN-NRS6020T2R2NMGJ Datasheet
302Kb / 3P
   SMD Power Inductors (NR series S type)
NRS6020T2R2NMGJ TAIYO-YUDEN-NRS6020T2R2NMGJ Datasheet
368Kb / 3P
   Wire-wound Ferrite Power Inductors LSXB/LSXN/LSXP series for General Electronic Equipment
2021/8/4
NRS6020T2R2NMGJ8 TAIYO-YUDEN-NRS6020T2R2NMGJ8 Datasheet
304Kb / 3P
   SMD Power Inductors for Telecommunications Infrastructure and Industrial Equipment / Medical Devices (NR series S type)
NRS6020T2R2NMGJV TAIYO-YUDEN-NRS6020T2R2NMGJV Datasheet
169Kb / 2P
   SMD Power Inductors for Automotive
NRS6020T2R2NMGJ TAIYO-YUDEN-NRS6020T2R2NMGJ_19 Datasheet
302Kb / 3P
   SMD Power Inductors (NR series S type)
More results

Similar Description - NRS6020T2R2NMGJ

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com