Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FRM9230H Datasheet(PDF) 2 Page - Intersil Corporation

Part # FRM9230H
Description  4A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FRM9230H Datasheet(HTML) 2 Page - Intersil Corporation

  FRM9230H Datasheet HTML 1Page - Intersil Corporation FRM9230H Datasheet HTML 2Page - Intersil Corporation FRM9230H Datasheet HTML 3Page - Intersil Corporation FRM9230H Datasheet HTML 4Page - Intersil Corporation FRM9230H Datasheet HTML 5Page - Intersil Corporation FRM9230H Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
4-2
Pre-Radiation Electrical Specifications TC = +25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
LIMITS
UNITS
MIN
MAX
Drain-Source Breakdown Volts
BVDSS
VGS = 0, ID = 1mA
-200
-
V
Gate-Threshold Volts
VGS(th)
VDS = VGS, ID = 1mA
-2.0
-4.0
V
Gate-body Leakage Forward
IGSSF
VGS = -20V
-
100
nA
Gate-Body Leakage Reverse
IGSSR
VGS = +20V
-
100
nA
Zero-Gate Voltage
Drain Current
IDSS1
IDSS2
IDSS3
VDS = -200V, VGS = 0
VDS = -160V, VGS = 0
VDS = -160V, VGS = 0, TC = +125oC
-
-
-
1
0.025
0.25
mA
Rated Avalanche Current
IAR
Time = 20
µs
-
12
A
Drain-Source On-State Volts
VDS(on)
VGS = -10V, ID = 4A
-
-5.46
V
Drain-source On Resistance
RDS(on)
VGS = -10V, ID = 2A
-
1.30
Turn-On Delay Time
td(on)
VDD = -100V, ID = 4A
-
46
ns
Rise Time
tr
Pulse Width = 3
µs-
74
Turn-Off Delay Time
td(off)
Period = 300
µs, Rg = 25Ω
-
110
Fall Time
tf
0
≤ VGS ≤ 10 (See Test Circuit)
-
54
Gate-Charge Threshold
QG(th)
VDD = -100V, ID = 4A
IGS1 = IGS2
0
≤ VGS ≤ 20
14
nc
Gate-Charge On State
QG(on)
14
58
Gate-Charge Total
QGM
30
120
Plateau Voltage
VGP
-3
-12
V
Gate-Charge Source
QGS
3
12
nc
Gate-Charge Drain
QGD
5
20
Diode Forward Voltage
VSD
ID = 4A, VGD = 0
-0.6
-1.8
V
Reverse Recovery Time
TT
I = 4A; di/dt = 100A/
µs
-
400
ns
Junction-To-Case
R
θjc
-
1.67
oC/W
Junction-To-Ambient
R
θja
Free Air Operation
-
60
FIGURE 1. RESISTIVE SWITCHING TEST CIRCUIT
FIGURE 2. UNCLAMPED ENERGY TEST CIRCUIT
VDD
RL
VDS
DUT
RGS
0V
VGS = -12V
tP
VGS ≤ 20V
L
+
-
VDS
VDD
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
50
50
50V-150V
IAS
+
-
ELECTRONIC SWITCH OPENS
WHEN IAS IS REACHED
CURRENT
TRANSFORMER
FRM9230D, FRM9230R, FRM9230H


Similar Part No. - FRM9230H

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRM9240D INTERSIL-FRM9240D Datasheet
47Kb / 6P
   7A, -200V, 0.720 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9240H INTERSIL-FRM9240H Datasheet
47Kb / 6P
   7A, -200V, 0.720 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9240R INTERSIL-FRM9240R Datasheet
47Kb / 6P
   7A, -200V, 0.720 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9250D INTERSIL-FRM9250D Datasheet
50Kb / 6P
   16A, -200V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9250H INTERSIL-FRM9250H Datasheet
50Kb / 6P
   16A, -200V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
More results

Similar Description - FRM9230H

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FRL9230D INTERSIL-FRL9230D Datasheet
47Kb / 6P
   3A, -200V, 1.30 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9230D INTERSIL-FRS9230D Datasheet
49Kb / 6P
   4A, -200V, 1.32 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FSS9230D INTERSIL-FSS9230D Datasheet
45Kb / 8P
   4A, -200V, 1.60 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FRM9240D INTERSIL-FRM9240D Datasheet
47Kb / 6P
   7A, -200V, 0.720 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRS9240D INTERSIL-FRS9240D Datasheet
48Kb / 6P
   7A, -200V, 0.735 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRF9250D INTERSIL-FRF9250D Datasheet
48Kb / 6P
   14A, -200V, 0.315 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRK9260D INTERSIL-FRK9260D Datasheet
47Kb / 6P
   26A, -200V, 0.200 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRE9260D INTERSIL-FRE9260D Datasheet
47Kb / 6P
   19A, -200V, 0.210 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FRM9250D INTERSIL-FRM9250D Datasheet
50Kb / 6P
   16A, -200V, 0.300 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
FSL9110D INTERSIL-FSL9110D Datasheet
57Kb / 8P
   2.5A, -100V, 1.30 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
October 1998
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com