Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KXC1504 Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # KXC1504
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

KXC1504 Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  KXC1504_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd KXC1504_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
1
www.kexin.com.cn
Features
Electrical Characteristics Ta = 25℃
Parameter
Symbol
Testconditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
IC= 100μA, IE=0
40
V
Collector-emitter breakdown voltage
VCEO
IC= 0.1mA, IB=0
25
V
Emitter-base breakdown voltage
VEBO
IE= 100μA, IC=0
5
V
Collector cut-off current
ICBO
VCB= 40 V,IE=0
0.1
μ
A
Collector cut-off current
ICEO
VCE= 20V, IB=0
0.1
μ
A
Emitter cut-off current
IEBO
VEB= 5V, IC=0
0.1
μ
A
VCE= 1V, IC= 100mA
160
320
VCE= 1V, IC= 800mA
40
Collector-emitter saturation voltage
VCE(sat) IC=800mA, IB= 80mA
0.5
V
Base-emitter saturation voltage
VBE(sat) IC=800mA, IB=80mA
1.2
V
Base-emitter on voltage
VBE(on) Ic=1V,VCE=10mA
1
V
Base-emitter positive favor voltage
VBEF
IB=1A
1.3
V
output capacitance
Cob
VCB=10V,IE=0,f=1MHz
15
pF
Transition frequency
fT
VCE= 10V, IC=50mA
100
MHz
hFE
DC current gain
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Collector-base voltage
VCBO
40
V
Collector-emitter voltage
VCEO
25
V
Emitter-base voltage
VEBO
5
V
Collector current
IC
1.5
A
Collector power dissipation
PC
0.5
W
Junction temperature
Tj
150
Storage temperature
Tstg
-55 to +150
Collector Power Dissipation: PC=0.5W
Collector Current: IC=1.5A
1.Base
2.Collector
3.Emitter
1.70 0.1
0.42 0.1
0.46 0.1
Marking
Marking
MY
NPN Transistors
KXC1504


Similar Part No. - KXC1504_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
KXC1502 KEXIN-KXC1502_15 Datasheet
658Kb / 2P
   NPN Transistors
More results

Similar Description - KXC1504_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com