Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3904 Datasheet(PDF) 2 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBT3904
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBT3904 Datasheet(HTML) 2 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBT3904_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBT3904_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMD Type
Transistors
2
www.kexin.com.cn
Typical Characteristics
.
MMBT3904 (KMBT3904)
0
0
1
0
1
1
1
.
0
0
100
200
300
400
0
0
1
0
1
1
10
100
0
1
1
1
.
0
9
0
1
1
100
200
300
0
25
50
75
100
125
150
0
50
100
150
200
250
0.2
0.4
0.6
0.8
1.0
1.2
0.1
1
10
100
0
0
1
0
1
1
0.0
0.4
0.8
1.2
0
4
8
12
16
20
0
20
40
60
80
100
f
T
—— I
C
h
FE
——
COMMON EMITTER
V
CE=1V
3
30
0.3
T
a=100
T
a=25
COLLECTOR CURRENT I
C
(mA)
I
C
30
300
30
3
COLLECTOR CURRENT I
C
(mA)
β=10
T
a=25
T
a=100
I
C
V
CEsat
——
600
200
1
3
3
0.3
20
C
ob
C
ib
REVERSE VOLTAGE V (V)
f=1MHz
I
E=0/IC=0
T
a=25
V
CB/ VEB
C
ob/ Cib
——
3
30
60
V
CE=20V
T
a=25
COLLECTOR CURRENT I
C
(mA)
AMBIENT TEMPERATURE T
a
( )
P
C
—— T
a
V
BE
I
C
——
30
3
0.3
T
a=25
T
a=100
COMMON EMITTER
V
CE=1V
BASE-EMMITER VOLTAGE V
BE (V)
30
3
β=10
COLLECTOR CURRENT I
C
(mA)
T
a=25
T
a=100
300
I
C
V
BEsat
——
Static Characteristic
COLLECTOR-EMITTER VOLTAGE V
CE
(V)
500uA
450uA
400uA
350uA
300uA
250uA
200uA
150uA
100uA
I
B=50uA
COMMON
EMITTER
T
a=25


Similar Part No. - MMBT3904_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMBT3904 SECOS-MMBT3904_15 Datasheet
1Mb / 6P
   NPN Plastic Encapsulated Transistor
logo
Diodes Incorporated
MMBT3904 DIODES-MMBT3904_15 Datasheet
168Kb / 7P
   40V NPN SMALL SIGNAL TRANSISTOR IN SOT23
logo
Diotec Semiconductor
MMBT3904 DIOTEC-MMBT3904_15 Datasheet
101Kb / 2P
   Surface Mount Si-Epi-Planar Switching Transistors
logo
Micro Commercial Compon...
MMBT3904 MCC-MMBT3904_15 Datasheet
561Kb / 4P
   NPN General Purpose Amplifier
More results

Similar Description - MMBT3904_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com