Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBT3904-HF Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # MMBT3904-HF
Description  NPN Transistors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

MMBT3904-HF Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  MMBT3904-HF_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd MMBT3904-HF_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMD Type
Transistors
0.4 +0.1
-0.1
2.9 +0.1
-0.1
0.95 +0.1
-0.1
1.9 +0.1
-0.1
1.Base
2.Emitter
3.collector
1
2
3
Unit: mm
SOT-23
0.1 +0.05
-0.01
1
www.kexin.com.cn
Features
Absolute Maximum Ratings Ta = 25
ti
n
U
g
n
it
a
R
l
o
b
m
y
S
r
e
t
e
m
a
r
a
P
V
e
g
a
tl
o
V
e
s
a
B
-
r
o
t
c
e
ll
o
C
CBO
60
V
V
e
g
a
tl
o
V
r
e
tt
i
m
E
-
r
o
t
c
e
ll
o
C
CEO
40
V
V
e
g
a
tl
o
V
e
s
a
B
-
r
e
tt
i
m
E
EBO
6
V
I
s
u
o
u
n
it
n
o
C
-
t
n
e
rr
u
C
r
o
t
c
e
ll
o
C
C
0.2
A
P
n
o
it
a
p
i
s
s
i
D
r
e
w
o
P
r
o
t
c
e
ll
o
C
C
0.2
W
T
e
r
u
t
a
r
e
p
m
e
T
n
o
it
c
n
u
J
J
150
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
stg
-55 to 150
Electrical Characteristics Ta = 25
NPN Transistors
MMBT3904-HF (KMBT3904-HF)
Complementary to MMBT3906
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Collector-base breakdown voltage
VCBO
Ic= 100 μA, IE= 0
60
Collector- emitter breakdown voltage
VCEO
Ic= 1 mA, IB= 0
40
Emitter - base breakdown voltage
VEBO
IE= 100μA, IC= 0
6
Collector-base cut-off current
ICBO
VCB= 60 V , IE= 0
100
Collector- emitter cut-off current
ICEX
VCE= 30 V , VEB(off)=- 3V
50
Emitter cut-off current
IEBO
VEB= 5V , IC=0
100
IC= 10 mA, IB= 1mA
0.2
IC= 50 mA, IB= 5mA
0.3
IC= 10 mA, IB= 1mA
0.65
0.85
IC= 50 mA, IB= 5mA
0.95
hfe(1) VCE= 1V, IC= 10mA
100
300
hfe(2) VCE= 1V, IC= 50mA
60
hfe(3) VCE= 1V, IC= 100mA
30
Delay time
td
VCC= 3V, VBE(off)=- 0.5V
35
Rise time
tr
IC= 10mA, IB1= 1mA
35
Storage time
ts
VCC= 3V, IC= 10mA
200
Fall time
tf
IB1=IB2= 1mA
50
Transition frequency
fT
VCE= 20V, IC= 10mA, f=100MHz
300
MHz
DC current gain
VCE(sat)
Collector-emitter saturation voltage
Base - emitter saturation voltage
VBE(sat)
V
V
ns
nA
Marking
Marking
1AM F


Similar Part No. - MMBT3904-HF_15

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
MMBT3904-HF COMCHIP-MMBT3904-HF_12 Datasheet
116Kb / 4P
   General Purpose Transistor
More results

Similar Description - MMBT3904-HF_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com