Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP41 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # TIP41
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

TIP41 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  TIP41_15 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd TIP41_15 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd TIP41_15 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
NPN Transistors
TIP41 Series (KIP41 Series)
Typical Characterisitics
e
g
a
tl
o
V
n
o
it
a
r
u
t
a
S
r
e
tt
i
m
E
-
e
s
a
B
.
2
e
r
u
g
i
F
n
i
a
G
t
n
e
r
r
u
c
C
D
.
1
e
r
u
g
i
F
Collector-Emitter Saturation Voltage
g
n
it
a
r
e
D
r
e
w
o
P
.
4
e
r
u
g
i
F
a
e
r
A
g
n
it
a
r
e
p
O
e
f
a
S
.
3
e
r
u
g
i
F
1
10
100
1000
10000
1
10
100
1000
VCE = 4V
IC[mA], COLLECTOR CURRENT
1
10
100
1000
10000
10
100
1000
10000
IC/IB = 10
VCE(sat)
VBE(sat)
IC[mA], COLLECTOR CURRENT
0
0
1
0
1
1
0.1
1
10
100
TIP41C VCEO MAX.
TIP41B VCEO MAX.
TIP41A VCEO MAX.
TIP41 VCEO MAX.
IC(MAX) (DC)
IC(MAX) (PULSE)
VCE[V], COLLECTOR-EMITTER VOLTAGE
0
25
50
75
100
125
150
175
0
5
10
15
20
25
TC[
oC], CASE TEMPERATURE


Similar Part No. - TIP41_15

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
TIP41 MCC-TIP41_11 Datasheet
254Kb / 2P
   Silicon NPN Power Transistors
TIP41 MCC-TIP41_13 Datasheet
166Kb / 2P
   Silicon NPN Power Transistors
More results

Similar Description - TIP41_15

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com