Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TIP41C Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # TIP41C
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

TIP41C Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  TIP41C Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd TIP41C Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd TIP41C Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SMD Type
www.kexin.com.cn
1
Transistors
NPN Transistors
TIP41 Series (KIP41 Series)
Features
Medium Power Linear Switching Applications
Complement to TIP42/42A/42B/42C
2.3
0.60+ 0.1
- 0.1
6.50+0.15
-0.15
0.80+0.1
-0.1
4 .60 +0.15
-0.15
5.30+0.2
-0.2
2.30 +0.1
-0.1
0.50 +0.8
-0.7
0.127
max
TO-252
Unit: mm
1 Base
2 Collector
3 Emitter
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
TIP41 TIP41A TIP41B TIP41C
Unit
Collector - Base Voltage
VCBO
40
60
80
100
Collector - Emitter Voltage
VCEO
40
60
80
100
Emitter - Base Voltage
VEBO
Collector Current - Continuous
IC
Collector Current - Pulse
ICP
Base Current
IB
Collector Power Dissipation Tc=25°C
Ta=25°C
Junction Temperature
TJ
Storage Temperature range
Tstg
PC
20
2
W
V
5
6
10
150
-65 to 150
2
A


Similar Part No. - TIP41C

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
TIP41C SECOS-TIP41C Datasheet
639Kb / 2P
   NPN Plastic-Encapsulate Transistor
logo
Mospec Semiconductor
TIP41C MOSPEC-TIP41C Datasheet
189Kb / 4P
   POWER TRANSISTORS(6A,40-100V,65W)
logo
Dc Components
TIP41C DCCOM-TIP41C Datasheet
196Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
logo
Unisonic Technologies
TIP41C UTC-TIP41C Datasheet
146Kb / 3P
   NPN EXPITAXIAL PLANAR TRANSISTOR
logo
Micro Commercial Compon...
TIP41C MCC-TIP41C Datasheet
166Kb / 2P
   Silicon NPN Power Transistors
More results

Similar Description - TIP41C

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com