Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8190 Datasheet(PDF) 1 Page - Analog Devices

Part # AD8190
Description  2:1 HDMI/DVI Switch with Equalization
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8190 Datasheet(HTML) 1 Page - Analog Devices

  AD8190_15 Datasheet HTML 1Page - Analog Devices AD8190_15 Datasheet HTML 2Page - Analog Devices AD8190_15 Datasheet HTML 3Page - Analog Devices AD8190_15 Datasheet HTML 4Page - Analog Devices AD8190_15 Datasheet HTML 5Page - Analog Devices AD8190_15 Datasheet HTML 6Page - Analog Devices AD8190_15 Datasheet HTML 7Page - Analog Devices AD8190_15 Datasheet HTML 8Page - Analog Devices AD8190_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
2:1 HDMI/DVI Switch with Equalization
AD8190
Rev. 0
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006 Analog Devices, Inc. All rights reserved.
FEATURES
Two inputs, one output HDMI/DVI links
Enables HDMI 1.2a-compliant receiver
Four TMDS channels per link
Supports 250 Mbps to 1.65 Gbps data rates
Supports 25 MHz to 165 MHz pixel clocks
Equalized inputs for operation with long HDMI cables
(20 meters at 1080p)
Fully buffered unidirectional inputs/outputs
Globally switchable 50 Ω on-chip terminations
Pre-emphasized outputs
Low added jitter
Single-supply operation (3.3 V)
Four auxiliary channels per link
Bidirectional unbuffered inputs/outputs
Flexible supply operation (3.3 V to 5 V)
HDCP standard compatible
Allows switching of DDC bus and two additional signals
Output disable feature
Reduced power dissipation
Output termination removal
Two AD8190s support HDMI/DVI dual-link
Standards compliant: HDMI receiver, HDCP, DVI
Serial (I2C slave) control interface
56-lead, 8 mm x 8 mm, LFCSP, Pb-free package
APPLICATIONS
Multiple input displays
Projectors
A/V receivers
Set-top boxes
Advanced television (HDTV) sets
FUNCTIONAL BLOCK DIAGRAM
LOW SPEED
UNBUFFERED
AVCC
DVCC
AMUXVCC
AVEE
DVEE
VTTO
OP[3:0]
AUX_COM[3:0]
I2C_SDA
I2C_SCL
I2C_ADDR
ON[3:0]
+
4
4
4
4
4
AD8190
RESET
CONTROL
LOGIC
CONFIG
INTERFACE
SERIAL INTERFACE
VTTI
IP_A[3:0]
IN_A[3:0]
+
4
4
VTTI
IP_B[3:0]
IN_B[3:0]
+
4
4
PE
EQ
SWITCH
CORE
AUX_A[3:0]
AUX_B[3:0]
BIDIRECTIONAL
HIGH SPEED
BUFFERED
SWITCH
CORE
Figure 1.
TYPICAL APPLICATION
01:18
DVD
DVD PLAYER
SET-TOP BOX
HDTV SET
HDMI
RECEIVER
AD8190
Figure 2. Typical AD8190 Application for HDTV Sets
GENERAL DESCRIPTION
The AD8190 is an HDMI/DVI switch featuring equalized
TMDS inputs and pre-emphasized TMDS outputs, ideal for
systems with long cable runs. Outputs can be set to a high
impedance state to reduce the power dissipation and/or allow
the construction of larger arrays using the wire-OR technique.
The AD8190 is provided in a space saving, 56-lead, LFCSP,
surface-mount, Pb-free, plastic package and is specified to
operate over the −40°C to +85°C temperature range.
PRODUCT HIGHLIGHTS
1.
Supports data rates up to 1.65 Gbps, enabling UXGA
(1600 × 1200) DVI resolutions and 1080p HDMI formats.
2.
Input cable equalizer enables use of long cables at the
input (more than 20 meters of 24 AWG cable at 1080p).
3.
Auxiliary switch allows routing of the DDC bus and two
additional single-ended signals for a single chip, fully
HDMI 1.2a receive-compliant solution.


Similar Part No. - AD8190_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8190-EVAL AD-AD8190-EVAL Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8190ACPZ AD-AD8190ACPZ Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8190ACPZ-R7 AD-AD8190ACPZ-R7 Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
More results

Similar Description - AD8190_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8196 AD-AD8196 Datasheet
533Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
PrA
AD8196 AD-AD8196_15 Datasheet
709Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8190 AD-AD8190 Datasheet
793Kb / 24P
   2:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191AASTZ-RL AD-AD8191AASTZ-RL Datasheet
837Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197_15 Datasheet
842Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
ADV3000 AD-ADV3000 Datasheet
781Kb / 28P
   3:1 HDMI/DVI Switch with Equalization
REV. 0
AD8191 AD-AD8191_15 Datasheet
848Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197A AD-AD8197A_07 Datasheet
771Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
AD8197 AD-AD8197 Datasheet
700Kb / 32P
   4:1 HDMI/DVI Switch with Equalization
PrA
AD8197A AD-AD8197A_15 Datasheet
772Kb / 28P
   4:1 HDMI/DVI Switch with Equalization
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com