Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8211 Datasheet(PDF) 6 Page - Analog Devices

Part # AD8211
Description  High Voltage Current Shunt Monitor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8211 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD8211_15 Datasheet HTML 2Page - Analog Devices AD8211_15 Datasheet HTML 3Page - Analog Devices AD8211_15 Datasheet HTML 4Page - Analog Devices AD8211_15 Datasheet HTML 5Page - Analog Devices AD8211_15 Datasheet HTML 6Page - Analog Devices AD8211_15 Datasheet HTML 7Page - Analog Devices AD8211_15 Datasheet HTML 8Page - Analog Devices AD8211_15 Datasheet HTML 9Page - Analog Devices AD8211_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD8211
Rev. A | Page 6 of 16
TYPICAL PERFORMANCE CHARACTERISTICS
1.2
–1.2
–40
TEMPERATURE (°C)
–20
0
20
40
60
80
100
120
1.0
0.6
0.8
0.4
0.2
0
–0.2
–0.4
–0.6
–0.8
–1.0
Figure 4. Typical Offset vs. Temperature
140
60
10
FREQUNCY (Hz)
1M
100
1k
10k
100k
130
120
110
100
90
80
70
COMMON-MODE VOLTAGE > 5V
COMMON-MODE VOLTAGE < 5V
Figure 5. Typical CMRR vs. Frequency
2500
–2500
–40
TEMPERATURE (°C)
–20
0
20
40
60
80
100
120
2000
1500
1000
500
0
–500
–1000
–1500
–2000
Figure 6. Typical Gain Error vs. Temperature
40
–40
10k
FREQUENCY (Hz)
10M
–5
–10
–15
–20
–25
20
30
25
35
15
10
5
0
–30
–35
100k
1M
Figure 7. Typical Small Signal Bandwidth (VOUT = 200 mV p-p)
10
0
0
DIFFERENTIAL INPUT VOLTAGE (mV)
250
9
8
7
6
5
4
3
2
1
5 10 15 20 25 30 35 40 45 50 55 60 65 70 75 80 85 90 95
Figure 8. Total Output Error vs. Differential Input Voltage
–510
–570
0
250
DIFFERENTIAL INPUT VOLTAGE (mV)
–515
–520
–525
–530
–535
–540
–545
–550
–555
–560
–565
25
50
75
100
125
150
175
200
225
VIN+
VIN–
Figure 9. Input Bias Current vs. Differential Input Voltage,
VCM = 0 V


Similar Part No. - AD8211_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8211 AD-AD8211_16 Datasheet
350Kb / 13P
   High Voltage, Current Shunt Monitor
More results

Similar Description - AD8211_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8212 AD-AD8212 Datasheet
178Kb / 8P
   High Voltage Current Shunt Monitor
Rev. PrA
AD8215 AD-AD8215_16 Datasheet
258Kb / 13P
   High Voltage, Current Shunt Monitor
AD8215 AD-AD8215_11 Datasheet
234Kb / 16P
   High Voltage, Current Shunt Monitor
REV. A
AD8212 AD-AD8212_07 Datasheet
386Kb / 16P
   High Voltage Current Shunt Monitor
REV. 0
AD8211WYRJZ-RL AD-AD8211WYRJZ-RL Datasheet
309Kb / 16P
   High Voltage Current Shunt Monitor
REV. A
AD8211 AD-AD8211_16 Datasheet
350Kb / 13P
   High Voltage, Current Shunt Monitor
AD8212WYRMZ AD-AD8212WYRMZ Datasheet
335Kb / 16P
   High Voltage Current Shunt Monitor
REV. B
AD8212 AD-AD8212_17 Datasheet
371Kb / 13P
   High Voltage Current Shunt Monitor
AD8211 AD-AD8211 Datasheet
332Kb / 16P
   High Voltage Current Shunt Monitor
REV. 0
AD8213 AD-AD8213 Datasheet
460Kb / 16P
   Dual, High Voltage Current Shunt Monitor
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com