Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPB587G Datasheet(PDF) 9 Page - NEC

Part # UPB587G
Description  1GHz INPUT DIVIDE BY 2, 4, 8 PRESCALER IC FOR PORTABLE SYSTEMS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB587G Datasheet(HTML) 9 Page - NEC

Back Button UPB587G Datasheet HTML 5Page - NEC UPB587G Datasheet HTML 6Page - NEC UPB587G Datasheet HTML 7Page - NEC UPB587G Datasheet HTML 8Page - NEC UPB587G Datasheet HTML 9Page - NEC UPB587G Datasheet HTML 10Page - NEC UPB587G Datasheet HTML 11Page - NEC UPB587G Datasheet HTML 12Page - NEC UPB587G Datasheet HTML 13Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
PPPPPB1509GV
Input power vs. Input frequency
20
10
0
–10
–20
–30
–40
–50
–60
10
100
Input frequency fin (MHz)
1000 2000
Input power vs. Input frequency
20
10
0
–10
–20
–30
–40
–50
–60
10
100
Input frequency fin (MHz)
1000 2000
Guaranteed
operating window
VCC = 2.2 V
VCC = 5.5 V
TA = +85°C
TA = +85°C
TA = +25°C
TA = +25°C
TA = –40°C
TA = –40°C
TA = +85°C
TA = +85°C
TA = +25°C
TA = +25°C
TA = –40°C
TA = –40°C
Guaranteed
operating window
0.3
0.2
0.1
0
10
100
Input frequency fin (MHz)
Output voltage swing vs. Input frequency
1000 2000
0.3
0.2
0.1
0
10
100
Input frequency fin (MHz)
Output voltage swing vs. Input frequency
1000 2000
0.3
0.2
0.1
0
10
100
Input frequency fin (MHz)
Output voltage swing vs. Input frequency
1000 2000
0.3
0.2
0.1
0
10
100
Input frequency fin (MHz)
Output voltage swing vs. Input frequency
1000 2000
VCC = 3.0 V
Pin = 0 dBm
TA = +25°C
Pin = 0 dBm
TA = –40°C
Pin = 0 dBm
TA = +85°C
Pin = 0 dBm
TA = +85°C
TA = +85°C
TA = +25°C
TA = +25°C
TA = –40°C
TA = –40°C
VCC = 2.2 V
VCC = 3.0 V
VCC = 5.5 V
VCC = 2.2 V
VCC = 3.0 V
VCC = 5.5 V
VCC = 2.2 V
VCC = 3.0 V
VCC = 5.5 V


Similar Part No. - UPB587G

ManufacturerPart #DatasheetDescription
logo
NEC
UPB587G NEC-UPB587G Datasheet
113Kb / 5P
   1.0 GHz DIVIDE- BY- 2/4/8 PRESCALER
logo
Renesas Technology Corp
UPB587G RENESAS-UPB587G Datasheet
201Kb / 10P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
1988
logo
NEC
UPB587G-E1 NEC-UPB587G-E1 Datasheet
113Kb / 5P
   1.0 GHz DIVIDE- BY- 2/4/8 PRESCALER
logo
Renesas Technology Corp
UPB587G-E1 RENESAS-UPB587G-E1 Datasheet
201Kb / 10P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
1988
UPB587G-E2 RENESAS-UPB587G-E2 Datasheet
201Kb / 10P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
1988
More results

Similar Description - UPB587G

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1511TB NEC-UPB1511TB Datasheet
51Kb / 8P
   800 MHz INPUT DIVIDE BY 2, 4 PRESCALER IC FOR PORTABLE SYSTEMS
UPB1511TB NEC-UPB1511TB_02 Datasheet
40Kb / 3P
   800 MHz INPUT DIVIDE BY 2, 4 PRESCALER IC, FOR PORTABLE SYSTEMS
logo
Fairchild Semiconductor
11C83 FAIRCHILD-11C83 Datasheet
301Kb / 4P
   1GHz DIVIDE-BY-248/256 PRESCALER
logo
California Eastern Labs
UPB1514TU CEL-UPB1514TU Datasheet
408Kb / 13P
   16 GHz INPUT DIVIDE BY 8 PRESCALER IC FOR SATELLITE COMMUNICATIONS
logo
NEC
UPB587B NEC-UPB587B Datasheet
113Kb / 5P
   1.0 GHz DIVIDE- BY- 2/4/8 PRESCALER
logo
Lucky Light Electronic
PE3513 LUCKY-LIGHT-PE3513_15 Datasheet
260Kb / 9P
   Divide-by-8 Prescaler
logo
NEC
UPB1508GV NEC-UPB1508GV Datasheet
77Kb / 12P
   3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
   Divide-by-2 Prescaler
logo
NEC
UPB1510GV NEC-UPB1510GV Datasheet
139Kb / 12P
   3 GHz INPUT DIVIDE BY 4 PRESCALER IC FOR DBS TUNERS
logo
Peregrine Semiconductor...
PE3513 PEREGRINE-PE3513_15 Datasheet
260Kb / 9P
   Divide-by-8 Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com