Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPB1511TB-E3 Datasheet(PDF) 3 Page - NEC

Part # UPB1511TB-E3
Description  800 MHz INPUT DIVIDE BY 2, 4 PRESCALER IC FOR PORTABLE SYSTEMS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB1511TB-E3 Datasheet(HTML) 3 Page - NEC

  UPB1511TB-E3 Datasheet HTML 1Page - NEC UPB1511TB-E3 Datasheet HTML 2Page - NEC UPB1511TB-E3 Datasheet HTML 3Page - NEC UPB1511TB-E3 Datasheet HTML 4Page - NEC UPB1511TB-E3 Datasheet HTML 5Page - NEC UPB1511TB-E3 Datasheet HTML 6Page - NEC UPB1511TB-E3 Datasheet HTML 7Page - NEC UPB1511TB-E3 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Preliminary Data Sheet P14731EJ1V0DS00
3
µµµµPB1511TB
SYSTEM APPLICATION EXAMPLE
One of the example for usage
VCO
I
Q
÷N
PLL
PA
DEMOD.
PLL
÷N
PB1511TB
SW
RX
TX
0
°
I
90
°
Q
VCO
µ
Low Noise Tr.
Quadulator Modulator
Phase
Shifter
This block diagram schematically shows the
µPB1511TB’s location in one of the example application system. The
other applications are also acceptable for divider use.


Similar Part No. - UPB1511TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1511TB-E3 NEC-UPB1511TB-E3 Datasheet
40Kb / 3P
   800 MHz INPUT DIVIDE BY 2, 4 PRESCALER IC, FOR PORTABLE SYSTEMS
logo
Renesas Technology Corp
UPB1511TB-E3 RENESAS-UPB1511TB-E3 Datasheet
215Kb / 10P
   BIPOLAR DIGITAL INTEGRATED CIRCUIT
2000
More results

Similar Description - UPB1511TB-E3

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1511TB NEC-UPB1511TB_02 Datasheet
40Kb / 3P
   800 MHz INPUT DIVIDE BY 2, 4 PRESCALER IC, FOR PORTABLE SYSTEMS
UPB1509GV NEC-UPB1509GV Datasheet
117Kb / 16P
   1GHz INPUT DIVIDE BY 2, 4, 8 PRESCALER IC FOR PORTABLE SYSTEMS
UPB1508GV NEC-UPB1508GV Datasheet
77Kb / 12P
   3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS
logo
Peregrine Semiconductor...
PE9304 PEREGRINE-PE9304_15 Datasheet
216Kb / 6P
   Divide-by-2 Prescaler
logo
NEC
UPB1510GV NEC-UPB1510GV Datasheet
139Kb / 12P
   3 GHz INPUT DIVIDE BY 4 PRESCALER IC FOR DBS TUNERS
UPB581B NEC-UPB581B Datasheet
76Kb / 4P
   DIVIDE- BY- 2 PRESCALER
logo
Lucky Light Electronic
PE3511 LUCKY-LIGHT-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
logo
Peregrine Semiconductor...
PE9301 PEREGRINE-PE9301_15 Datasheet
230Kb / 7P
   Divide-by-2 Prescaler
PE3511 PEREGRINE-PE3511_15 Datasheet
260Kb / 9P
   Divide-by-2 Prescaler
logo
NEC
UPB582 NEC-UPB582 Datasheet
69Kb / 4P
   DIVIDE-BY-4 PRESCALER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com