Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPB588G Datasheet(PDF) 2 Page - NEC

Part # UPB588G
Description  3GHz INPUT DIVIDE BY 256, 128, 64 PRESCALER IC FOR ANALOG DBS TUNERS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPB588G Datasheet(HTML) 2 Page - NEC

  UPB588G Datasheet HTML 1Page - NEC UPB588G Datasheet HTML 2Page - NEC UPB588G Datasheet HTML 3Page - NEC UPB588G Datasheet HTML 4Page - NEC UPB588G Datasheet HTML 5Page - NEC UPB588G Datasheet HTML 6Page - NEC UPB588G Datasheet HTML 7Page - NEC UPB588G Datasheet HTML 8Page - NEC UPB588G Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
PPPPPB1506GV, PPPPPB1507GV
PIN CONNECTION (Top View)
Pin
NO.
PPB1506GV
PPB1507GV
1SW1
IN
2IN
VCC
3IN
SW1
4GND
OUT
5NC
GND
6SW2
SW2
7
OUT
NC
8VCC
IN
PRODUCT LINE-UP
Features
(division, Freq.)
Part No.
ICC
(mA)
fin
(GHz)
VCC
(V)
Package
Pin connection
y512, y256, 2.5 GHz
PPB586G
28
0.5 to 2.5
4.5 to 5.5
8 pin SOP 225 mil
NEC original
y128, y64, 2.5 GHz
PPB588G
26
0.5 to 2.5
4.5 to 5.5
y256, y128, y64
PPB1505GR
14
0.5 to 3.0
4.5 to 5.5
Standard
3.0 GHz
PPB1506GV
19
0.5 to 3.0
4.5 to 5.5
8 pin SSOP 175 mil
NEC original
PPB1507GV
19
0.5 to 3.0
4.5 to 5.5
Standard
Remarks x
This table shows the TYP values of main parameters.
Please refer to ELECTRICAL
CHARACTERISTICS.
x
PPB586G and PPB588G are discontinued.
INTERNAL BLOCK DIAGRAM
D
CLK
CLK
Q
Q
D
CLK
Q
Q
D
CLK
Q
Q
D
CLK
Q
Q
D
CLK
Q
Q
D
CLK
Q
Q
D
CLK
Q
Q
D
CLK
Q
Q
SW1
SW2
AMP
OUT
IN
IN
5
6
7
8
4
3
2
1


Similar Part No. - UPB588G

ManufacturerPart #DatasheetDescription
logo
NEC
UPB588G NEC-UPB588G Datasheet
60Kb / 8P
   3.0 GHz PRESCALER DIVIDED BY 256, 128, 64 FOR BS/CS TUNER
More results

Similar Description - UPB588G

ManufacturerPart #DatasheetDescription
logo
NEC
UPB1510GV NEC-UPB1510GV Datasheet
139Kb / 12P
   3 GHz INPUT DIVIDE BY 4 PRESCALER IC FOR DBS TUNERS
UPB1508GV NEC-UPB1508GV Datasheet
77Kb / 12P
   3 GHz INPUT DIVIDE BY 2 PRESCALER IC FOR DBS TUNERS
logo
California Eastern Labs
UPB1507GV CEL-UPB1507GV Datasheet
140Kb / 11P
   NEC 3.0 GHz DIVIDE BY 64/128/256 PRESCALER
logo
NEC
UPB1502GR NEC-UPB1502GR Datasheet
75Kb / 4P
   DIVIDE- BY- 64/65/128/129 PRESCALER
logo
NXP Semiconductors
SAB6456 PHILIPS-SAB6456 Datasheet
77Kb / 10P
   Sensitive 1 GHz divide-by-64/divide-by-256 switchable prescaler
June 1986
logo
Fairchild Semiconductor
11C83 FAIRCHILD-11C83 Datasheet
301Kb / 4P
   1GHz DIVIDE-BY-248/256 PRESCALER
logo
NEC
UPB586B NEC-UPB586B Datasheet
62Kb / 4P
   2.5 GHz DIVIDE- BY- 512/256 PRESCALER
UPB1505GR NEC-UPB1505GR Datasheet
60Kb / 8P
   3.0 GHz PRESCALER DIVIDED BY 256, 128, 64 FOR BS/CS TUNER
logo
California Eastern Labs
UPB1514TU CEL-UPB1514TU Datasheet
408Kb / 13P
   16 GHz INPUT DIVIDE BY 8 PRESCALER IC FOR SATELLITE COMMUNICATIONS
logo
NXP Semiconductors
SA701 PHILIPS-SA701 Datasheet
82Kb / 7P
   Divide by: 128/129-64/65 dual modulus low power ECL prescaler
June 17, 1993
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com