Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSJ9055D1 Datasheet(PDF) 5 Page - Intersil Corporation

Part # FSJ9055D1
Description  55A, -60V, 0.029 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSJ9055D1 Datasheet(HTML) 5 Page - Intersil Corporation

  FSJ9055D1 Datasheet HTML 1Page - Intersil Corporation FSJ9055D1 Datasheet HTML 2Page - Intersil Corporation FSJ9055D1 Datasheet HTML 3Page - Intersil Corporation FSJ9055D1 Datasheet HTML 4Page - Intersil Corporation FSJ9055D1 Datasheet HTML 5Page - Intersil Corporation FSJ9055D1 Datasheet HTML 6Page - Intersil Corporation FSJ9055D1 Datasheet HTML 7Page - Intersil Corporation FSJ9055D1 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
3-225
FIGURE 8. UNCLAMPED INDUCTIVE SWITCHING
Test Circuits and Waveforms
FIGURE 9. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 10. UNCLAMPED ENERGY WAVEFORMS
FIGURE 11. RESISTIVE SWITCHING TEST CIRCUIT
FIGURE 12. RESISTIVE SWITCHING WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
100
10
0.1
1
tAV, TIME IN AVALANCHE (ms)
10
STARTING TJ = 150
oC
STARTING TJ = 25
oC
IF R = 0
tAV = (L) (IAS) / (1.3 RATED BVDSS - VDD)
tAV = (L/R) ln [(IAS*R) / (1.3 RATED BVDSS - VDD) + 1]
500
IF R
≠ 0
1
tP
VGS ≤ 20V
L
+
-
VDS
VDD
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
50
50
50V-150V
IAS
+
-
ELECTRONIC SWITCH OPENS
WHEN IAS IS REACHED
CURRENT
TRANSFORMER
VDD
VDS
BVDSS
tP
IAS
tAV
VDD
RL
VDS
DUT
RGS
0V
VGS = -12V
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
tON
FSJ9055D, FSJ9055R


Similar Part No. - FSJ9055D1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSJ9160 INTERSIL-FSJ9160 Datasheet
46Kb / 8P
   44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ9160D INTERSIL-FSJ9160D Datasheet
46Kb / 8P
   44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ9160D1 INTERSIL-FSJ9160D1 Datasheet
46Kb / 8P
   44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ9160D3 INTERSIL-FSJ9160D3 Datasheet
46Kb / 8P
   44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ9160R INTERSIL-FSJ9160R Datasheet
46Kb / 8P
   44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
More results

Similar Description - FSJ9055D1

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSF055D INTERSIL-FSF055D Datasheet
46Kb / 8P
   25A, 60V, 0.020 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS9130D INTERSIL-FSS9130D Datasheet
44Kb / 8P
   6A, -100V, 0.660 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ9160D INTERSIL-FSJ9160D Datasheet
46Kb / 8P
   44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL913A0D INTERSIL-FSL913A0D Datasheet
57Kb / 8P
   7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSL9110D INTERSIL-FSL9110D Datasheet
57Kb / 8P
   2.5A, -100V, 1.30 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
October 1998
FSJ9260D INTERSIL-FSJ9260D Datasheet
46Kb / 8P
   27A, -200V, 0.130 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSS9230D INTERSIL-FSS9230D Datasheet
45Kb / 8P
   4A, -200V, 1.60 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSS923A0D INTERSIL-FSS923A0D Datasheet
56Kb / 8P
   7A, -200V, 0.650 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSL9130D INTERSIL-FSL9130D Datasheet
45Kb / 8P
   5A, -100V, 0.680 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSF9150D INTERSIL-FSF9150D Datasheet
45Kb / 8P
   22A, -100V, 0.140 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com