Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSJ9260R4 Datasheet(PDF) 8 Page - Intersil Corporation

Part # FSJ9260R4
Description  27A, -200V, 0.130 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSJ9260R4 Datasheet(HTML) 8 Page - Intersil Corporation

  FSJ9260R4 Datasheet HTML 1Page - Intersil Corporation FSJ9260R4 Datasheet HTML 2Page - Intersil Corporation FSJ9260R4 Datasheet HTML 3Page - Intersil Corporation FSJ9260R4 Datasheet HTML 4Page - Intersil Corporation FSJ9260R4 Datasheet HTML 5Page - Intersil Corporation FSJ9260R4 Datasheet HTML 6Page - Intersil Corporation FSJ9260R4 Datasheet HTML 7Page - Intersil Corporation FSJ9260R4 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
3-240
All Intersil semiconductor products are manufactured, assembled and tested under ISO9000 quality systems certification.
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate
and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which
may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see web site http://www.intersil.com
Sales Office Headquarters
NORTH AMERICA
Intersil Corporation
P. O. Box 883, Mail Stop 53-204
Melbourne, FL 32902
TEL: (407) 724-7000
FAX: (407) 724-7240
EUROPE
Intersil SA
Mercure Center
100, Rue de la Fusee
1130 Brussels, Belgium
TEL: (32) 2.724.2111
FAX: (32) 2.724.22.05
ASIA
Intersil (Taiwan) Ltd.
Taiwan Limited
7F-6, No. 101 Fu Hsing North Road
Taipei, Taiwan
Republic of China
TEL: (886) 2 2716 9310
FAX: (886) 2 2715 3029
FSJ9260D, FSJ9260R
TO-254AA
3 LEAD JEDEC TO-254AA HERMETIC METAL PACKAGE
D
L
Q
H1
e
e1
J1
A1
A
E
ØP
Ø
b
0.065 R MAX.
TYP.
12
3
SYMBOL
INCHES
MILLIMETERS
NOTES
MIN
MAX
MIN
MAX
A
0.249
0.260
6.33
6.60
-
A1
0.040
0.050
1.02
1.27
-
Øb
0.035
0.045
0.89
1.14
2, 3
D
0.790
0.800
20.07
20.32
-
E
0.535
0.545
13.59
13.84
-
e
0.150 TYP
3.81 TYP
4
e1
0.300 BSC
7.62 BSC
4
H1
0.245
0.265
6.23
6.73
-
J1
0.140
0.160
3.56
4.06
4
L
0.520
0.560
13.21
14.22
-
ØP
0.139
0.149
3.54
3.78
-
Q
0.110
0.130
2.80
3.30
-
NOTES:
1. These dimensions are within allowable dimensions of Rev. A of
JEDEC outline TO-254AA dated 11-86.
2. Add typically 0.002 inches (0.05mm) for solder coating.
3. Lead dimension (without solder).
4. Position of lead to be measured 0.250 inches (6.35mm) from bot-
tom of dimension D.
5. Die to base BeO isolated, terminals to case ceramic isolated.
6. Controlling dimension: Inch.
7. Revision 1 dated 1-93.
WARNING!
BERYLLIA WARNING PER MIL-S-19500
Packages containing beryllium oxide (BeO) shall not be ground, machined, sandblasted, or subject to any mechanical
operation which will produce dust containing any beryllium compound. Packages containing any beryllium compound
shall not be subjected to any chemical process (etching, etc.) which will produce fumes containing beryllium or its’
compounds.


Similar Part No. - FSJ9260R4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSJ9055D INTERSIL-FSJ9055D Datasheet
66Kb / 8P
   55A, -60V, 0.029 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ9055D1 INTERSIL-FSJ9055D1 Datasheet
66Kb / 8P
   55A, -60V, 0.029 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ9055D3 INTERSIL-FSJ9055D3 Datasheet
66Kb / 8P
   55A, -60V, 0.029 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ9055R INTERSIL-FSJ9055R Datasheet
66Kb / 8P
   55A, -60V, 0.029 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ9055R1 INTERSIL-FSJ9055R1 Datasheet
66Kb / 8P
   55A, -60V, 0.029 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
More results

Similar Description - FSJ9260R4

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSYA250D INTERSIL-FSYA250D Datasheet
46Kb / 8P
   27A, 200V, 0.100 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS9230D INTERSIL-FSS9230D Datasheet
45Kb / 8P
   4A, -200V, 1.60 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSS923A0D INTERSIL-FSS923A0D Datasheet
56Kb / 8P
   7A, -200V, 0.650 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSF9250D INTERSIL-FSF9250D Datasheet
45Kb / 8P
   15A, -200V, 0.290 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL9230D INTERSIL-FSL9230D Datasheet
46Kb / 8P
   3A, -200V, 1.50 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL230D INTERSIL-FSL230D Datasheet
45Kb / 8P
   5A, 200V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS230D INTERSIL-FSS230D Datasheet
46Kb / 8P
   8A, 200V, 0.440 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ260D INTERSIL-FSJ260D Datasheet
46Kb / 8P
   44A, 200V, 0.050 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSF250D INTERSIL-FSF250D Datasheet
45Kb / 8P
   24A, 200V, 0.110 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS9130D INTERSIL-FSS9130D Datasheet
44Kb / 8P
   6A, -100V, 0.660 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com