Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8340 Datasheet(PDF) 10 Page - Analog Devices

Part # AD8340
Description  700 MHz to 1000 MHz RF Vector Modulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8340 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD8340_15 Datasheet HTML 6Page - Analog Devices AD8340_15 Datasheet HTML 7Page - Analog Devices AD8340_15 Datasheet HTML 8Page - Analog Devices AD8340_15 Datasheet HTML 9Page - Analog Devices AD8340_15 Datasheet HTML 10Page - Analog Devices AD8340_15 Datasheet HTML 11Page - Analog Devices AD8340_15 Datasheet HTML 12Page - Analog Devices AD8340_15 Datasheet HTML 13Page - Analog Devices AD8340_15 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AD8340
Data Sheet
THEORY OF OPERATION
The AD8340 is a linear RF vector modulator with Cartesian
baseband controls. In the simplified block diagram shown in
Figure 26, the RF signal propagates from the left to the right
while baseband controls are placed above and below. The RF
input is first split into in-phase (I) and quadrature (Q) compo-
nents. The variable attenuators independently scale the I and Q
components of the RF input. The attenuator outputs are then
summed and buffered to the output.
By controlling the relative amounts of I and Q components that
are summed, the AD8340 allows continuous magnitude and
phase control of the gain. Consider the vector gain representa-
tion of the AD8340 expressed in polar form in Figure 27. The
attenuation factors for the I and Q signal components are
represented on the x- and y-axis, respectively, by the baseband
inputs, VBBI and VBBQ. The resultant vector sum represents the
vector gain, which can also be expressed as a magnitude and
phase. By applying different combinations of baseband inputs,
any vector gain within the unit circle can be programmed.
A change in sign of VBBI or VBBQ can be viewed as a change
in sign of the gain or as a 180° phase change. The outermost
circle represents the maximum gain magnitude of unity. The
circle origin implies, in theory, a gain of 0. In practice, circuit
mismatches and unavoidable signal feedthrough limit the
minimum gain to approximately −40 dB. The phase angle
between the resultant gain vector and the positive x-axis is
defined as the phase shift. Note that there is a nominal,
systematic insertion phase through the AD8340 to which
the phase shift is added. In the following discussions, the
systematic insertion phase is normalized to 0°.
The correspondence between the desired gain and phase
setpoints, GainSP and PhaseSP, and the Cartesian inputs, VBBI
and VBBQ, is given by simple trigonometric identities.
(
)
(
)2
2
/
/
O
BBQ
O
BBI
SP
V
V
V
V
Gain
+
=
(
)
BBI
BBQ
SP
V
V
Phase
/
arctan
=
where:
VO is the baseband scaling constant (500 mV).
VBBI and VBBQ are the differential I and Q baseband voltages,
respectively.
Note that when evaluating the arctangent function, the proper
phase quadrant must be selected. For example, if the principal
value of the arctangent (known as the arctangent(x)) is used,
Quadrant 2 and Quadrant 3 would be interpreted mistakenly
as Quadrant 4 and Quadrant 1, respectively. In general, both
VBBI and VBBQ are needed in concert to modulate the gain and
the phase.
Pure amplitude modulation is represented by radial movement
of the gain vector tip at a fixed angle, while pure phase modula-
tion is represented by rotation of the tip around the circle at a
fixed radius. Unlike traditional I-Q modulators, the AD8340 is
designed to have a linear RF signal path from input to output.
Traditional I-Q modulators provide a limited LO carrier path
through which any amplitude information is removed.
LINEAR
ATTENUATOR
LINEAR
ATTENUATOR
V-I
V-I
0°/90°
I-V
VBBQ
Q CHANNEL INPUT
SINGLE-ENDED OR
DIFFERENTIAL
50Ω INPUT Z
VBBI
I CHANNEL INPUT
OUTPUT
DISABLE
SINGLE-ENDED OR
DIFFERENTIAL
50Ω OUTPUT
Figure 26. Simplified Architecture of the AD8340
|A|
θ
A
+0.5
–0.5
+0.5
–0.5
Vi
Vq
MIN GAIN < –30dB
MAX GAIN = 0dB
Figure 27. Vector Gain Representation
RF QUADRATURE GENERATOR
The RF input is directly coupled differentially or single-endedly
to the quadrature generator, which consists of a multistage RC
polyphase network tuned over the operating frequency range of
700 MHz to 1000 MHz. The recycling nature of the polyphase
network generates two replicas of the input signal, which are
in precise quadrature, that is, 90°, to each other. Because the
passive network is perfectly linear, the amplitude and phase
information contained in the RF input is transmitted faithfully
to both channels. The quadrature outputs are then separately
buffered to drive the respective attenuators. The characteristic
impedance of the polyphase network is used to set the input
impedance to the AD8340.
Rev. C | Page 10 of 20


Similar Part No. - AD8340_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8340-EVAL AD-AD8340-EVAL Datasheet
536Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. 0
AD8340ACPZ-REEL7 AD-AD8340ACPZ-REEL7 Datasheet
536Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. 0
AD8340ACPZ-WP AD-AD8340ACPZ-WP Datasheet
536Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. 0
More results

Similar Description - AD8340_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8340 AD-AD8340 Datasheet
536Kb / 20P
   700 MHz to 1000 MHz RF Vector Modulator
REV. 0
logo
Hittite Microwave Corpo...
HMC630LP3 HITTITE-HMC630LP3 Datasheet
283Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
logo
Analog Devices
HMC630LP3 AD-HMC630LP3 Datasheet
813Kb / 8P
   GaAs HBT VECTOR MODULATOR 700 - 1000 MHz
ADL5605 AD-ADL5605 Datasheet
500Kb / 20P
   700 MHz to 1000 MHz
REV. 0
logo
Tyco Electronics
MAMDCC0005 MACOM-MAMDCC0005 Datasheet
390Kb / 5P
   Vector Modulator, 925 to 960 MHz
MAMDCC0006 MACOM-MAMDCC0006 Datasheet
369Kb / 5P
   Vector Modulator, 925 to 960 MHz
logo
M/A-COM Technology Solu...
MAIA-007099-000100 MA-COM-MAIA-007099-000100 Datasheet
143Kb / 5P
   Vector Modulator, 925 to 960 MHz
MAMDCC0005 MA-COM-MAMDCC0005 Datasheet
131Kb / 5P
   Vector Modulator, 925 to 960 MHz
logo
Analog Devices
AD8349 AD-AD8349 Datasheet
969Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. 0
AD8349AREZ AD-AD8349AREZ Datasheet
503Kb / 28P
   700 MHz to 2700 MHz Quadrature Modulator
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com