Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8342 Datasheet(PDF) 4 Page - Analog Devices

Part # AD8342
Description  Active Receive Mixer LF to 3 GHz
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8342 Datasheet(HTML) 4 Page - Analog Devices

  AD8342_15 Datasheet HTML 1Page - Analog Devices AD8342_15 Datasheet HTML 2Page - Analog Devices AD8342_15 Datasheet HTML 3Page - Analog Devices AD8342_15 Datasheet HTML 4Page - Analog Devices AD8342_15 Datasheet HTML 5Page - Analog Devices AD8342_15 Datasheet HTML 6Page - Analog Devices AD8342_15 Datasheet HTML 7Page - Analog Devices AD8342_15 Datasheet HTML 8Page - Analog Devices AD8342_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
AD8342
Rev. B | Page 4 of 24
AC PERFORMANCE
VS = 5 V, TA = 25°C, LO power = 0 dBm, ZO = 50 Ω, RBIAS = 1.82 kΩ, RF termination 100 Ω, IF terminated into 100 Ω via a 2:1 ratio balun,
unless otherwise noted.
Table 2.
Parameter
Conditions
Min
Typ
Max
Unit
RF Frequency Range1
3.0
GHz
LO Frequency Range1
3.0
GHz
IF Frequency Range1, 2
2.4
GHz
Conversion Gain
fRF = 460 MHz, fLO = 550 MHz, fIF = 90 MHz
3.2
dB
fRF = 238 MHz, fLO = 286 MHz, fIF = 48 MHz
3.7
dB
SSB Noise Figure
fRF = 460 MHz, fLO = 550 MHz, fIF = 90 MHz
12.5
dB
fRF = 238 MHz, fLO = 286 MHz, fIF = 48 MHz
12.2
dB
Input Third-Order Intercept
fRF1 = 460 MHz, fRF2 = 461 MHz, fLO = 550 MHz,
fIF1 = 90 MHz, fIF2 = 89 MHz, each RF tone −10 dBm
22.2
dBm
fRF1 = 238 MHz, fRF2 = 239 MHz, fLO = 286 MHz,
fIF1 = 48 MHz, fIF2 = 47 MHz, each RF tone −10 dBm
22.7
dBm
Input Second-Order Intercept
fRF1 = 460 MHz, fRF2 = 410 MHz, fLO = 550 MHz, fIF1 = 90 MHz,
fIF2 = 140 MHz
50
dBm
fRF1 = 238 MHz, fRF2 = 188 MHz, fLO = 286 MHz, fIF1 = 48 MHz,
fIF2 = 98 MHz
44
dBm
Input 1 dB Compression Point
fRF = 460 MHz, fLO = 550 MHz, fIF = 90 MHz
8.5
dBm
fRF = 238 MHz, fLO = 286 MHz, fIF = 48 MHz
8.3
dBm
LO to IF Output Leakage
LO power = 0 dBm, fLO = 286 MHz
−27
dBc
LO to RF Input Leakage
LO power = 0 dBm, fLO = 286 MHz
−55
dBc
2× LO to IF Output Leakage
LO power = 0 dBm, fRF = 238 MHz, fLO = 286 MHz
IF terminated into 100 Ω and measured with a differential probe
−47
dBm
RF to IF Output Leakage
RF power = −10 dBm, fRF = 238 MHz, fLO = 286 MHz
−32
dBc
IF/2 Spurious
RF power = −10 dBm, fRF = 238 MHz, fLO = 286 MHz
−62
dBc
1 See the
section for details.
High Frequency Applications
2 See the Low Frequency Applications section for details.


Similar Part No. - AD8342_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8342-EVAL AD-AD8342-EVAL Datasheet
538Kb / 20P
   Active Receive Mixer LF to 500 MHz
REV. 0
AD8342ACPZ-R2 AD-AD8342ACPZ-R2 Datasheet
538Kb / 20P
   Active Receive Mixer LF to 500 MHz
REV. 0
AD8342ACPZ-REEL7 AD-AD8342ACPZ-REEL7 Datasheet
538Kb / 20P
   Active Receive Mixer LF to 500 MHz
REV. 0
AD8342ACPZ-WP AD-AD8342ACPZ-WP Datasheet
538Kb / 20P
   Active Receive Mixer LF to 500 MHz
REV. 0
More results

Similar Description - AD8342_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8342 AD-AD8342 Datasheet
538Kb / 20P
   Active Receive Mixer LF to 500 MHz
REV. 0
AD8344 AD-AD8344 Datasheet
429Kb / 20P
   Active Receive Mixer 400 MHz to 1.2 GHz
REV. 0
AD8344 AD-AD8344_15 Datasheet
436Kb / 20P
   Active Receive Mixer 400 MHz to 1.2 GHz
REV. 0
logo
Linear Technology
LTC5562 LINER-LTC5562 Datasheet
569Kb / 26P
   LF??GHz Wideband Low Power Active Mixer
logo
Analog Devices
ADL5350 AD-ADL5350_08 Datasheet
409Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
REV. 0
ADL5350 AD-ADL5350 Datasheet
262Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
Rev. PrC
ADL5350ACPZ AD-ADL5350ACPZ Datasheet
409Kb / 24P
   LF to 4 GHz High Linearity Y-Mixer
REV. 0
logo
SIRENZA MICRODEVICES
SRM-1016 SIRENZA-SRM-1016 Datasheet
222Kb / 6P
   800 - 1000 MHz High Linearity Active Receive Mixer
SRM-2016 SIRENZA-SRM-2016 Datasheet
374Kb / 9P
   1700 - 2300 MHz High Linearity Active Receive Mixer
logo
Analog Devices
AD8343 AD-AD8343_15 Datasheet
2Mb / 32P
   DC-to-2.5 GHz High IP3 Active Mixer
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com