Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSL913A0D3 Datasheet(PDF) 5 Page - Intersil Corporation

Part # FSL913A0D3
Description  7A, -100V, 0.300 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSL913A0D3 Datasheet(HTML) 5 Page - Intersil Corporation

  FSL913A0D3 Datasheet HTML 1Page - Intersil Corporation FSL913A0D3 Datasheet HTML 2Page - Intersil Corporation FSL913A0D3 Datasheet HTML 3Page - Intersil Corporation FSL913A0D3 Datasheet HTML 4Page - Intersil Corporation FSL913A0D3 Datasheet HTML 5Page - Intersil Corporation FSL913A0D3 Datasheet HTML 6Page - Intersil Corporation FSL913A0D3 Datasheet HTML 7Page - Intersil Corporation FSL913A0D3 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4-5
FIGURE 8. UNCLAMPED INDUCTIVE SWITCHING
Test Circuits and Waveforms
FIGURE 9. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 10. UNCLAMPED ENERGY WAVEFORMS
FIGURE 11. RESISTIVE SWITCHING TEST CIRCUIT
FIGURE 12. RESISTIVE SWITCHING WAVEFORMS
Typical Performance Curves
Unless Otherwise Specified
(Continued)
10
1
110
40
0.1
tAV, TIME IN AVALANCHE (ms)
STARTING TJ = 25
oC
STARTING TJ = 150
oC
0.01
IF R = 0
IF R
≠ 0
tAV = (L/R) ln [(IAS*R) / (1.3 RATED BVDSS - VDD) + 1]
tAV = (L) (IAS) / (1.3 RATED BVDSS - VDD)
tP
VGS ≤ 20V
L
+
-
VDS
VDD
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
50
50
50V-150V
IAS
+
-
ELECTRONIC SWITCH OPENS
WHEN IAS IS REACHED
CURRENT
TRANSFORMER
VDD
VDS
BVDSS
tP
IAS
tAV
VDD
RL
VDS
DUT
RGS
0V
VGS = -12V
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
tON
FSL913A0D, FSL913A0R


Similar Part No. - FSL913A0D3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSL9130D INTERSIL-FSL9130D Datasheet
45Kb / 8P
   5A, -100V, 0.680 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL9130D1 INTERSIL-FSL9130D1 Datasheet
45Kb / 8P
   5A, -100V, 0.680 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL9130D3 INTERSIL-FSL9130D3 Datasheet
45Kb / 8P
   5A, -100V, 0.680 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL9130R INTERSIL-FSL9130R Datasheet
45Kb / 8P
   5A, -100V, 0.680 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL9130R1 INTERSIL-FSL9130R1 Datasheet
45Kb / 8P
   5A, -100V, 0.680 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
More results

Similar Description - FSL913A0D3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSS923A0D INTERSIL-FSS923A0D Datasheet
56Kb / 8P
   7A, -200V, 0.650 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1999
FSS9130D INTERSIL-FSS9130D Datasheet
44Kb / 8P
   6A, -100V, 0.660 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ9160D INTERSIL-FSJ9160D Datasheet
46Kb / 8P
   44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSL9110D INTERSIL-FSL9110D Datasheet
57Kb / 8P
   2.5A, -100V, 1.30 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
October 1998
FSL9130D INTERSIL-FSL9130D Datasheet
45Kb / 8P
   5A, -100V, 0.680 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSF9150D INTERSIL-FSF9150D Datasheet
45Kb / 8P
   22A, -100V, 0.140 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSS23A4D INTERSIL-FSS23A4D Datasheet
46Kb / 8P
   7A, 250V, 0.460 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
   8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS130D INTERSIL-FSS130D Datasheet
45Kb / 8P
   11A, 100V, 0.210 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ160D INTERSIL-FSJ160D Datasheet
60Kb / 9P
   70A, 100V, 0.022 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com