Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCHS20A08 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # UCHS20A08
Description  Schottky Barrier Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

UCHS20A08 Datasheet(HTML) 1 Page - National Instruments Corporation

  UCHS20A08_15 Datasheet HTML 1Page - National Instruments Corporation UCHS20A08_15 Datasheet HTML 2Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
20A
Avg.
80Volts
Schottky Barrier Diode
DSE-13056(1/2)
UCHS20A08
構造:ショットキーバリアダイオード(SBD)
Construction : Schottky Barrier Diode
用途:高周波整流用
Application : High-Frequency Rectification
特長
Feature
薄型 SMD
Lower Profile SMD
低熱抵抗
Lower Thermal-Resistance
高電流
High Current Capability
Tj=150℃
Tj=150℃
絶対最大定格(表示無き場合
Ta=25℃) Absolute Maximum Ratings (Ta = 25 oC unless otherwise stated)
項目
Item
記号
Symbol
条件
Conditions
定格値
Rating
単位
Units
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
VRRM
80
V
平均整流電流
Average Rectified Output Current
IO
50Hz 正弦全波,抵抗負荷
Tc=117℃
VRM=40V
50H Full Sine Wave, Resistive Load
20
A
実効順電流
RMS Forward Current
IF(RMS)
22.2
A
サージ順電流
Surge Forward Current
IFSM
50Hz 正弦全波 1 サイクル 非繰り返し
50Hz Full Sine Wave,1 cycle,Non-repetitive
220
A
動作接合温度範囲
Operation Junction Temperature Range
Tjw
-40~+150
保存温度範囲
Storage Temperature Range
Tstg
-40~+150
■電気的・熱的特性 Electrical / Thermal Characteristics
項目
Item
記号
Symbol
条件
Conditions
最小値
min.
代表値
typ.
最大値
max.
単位
Units
ピーク逆電流
Peak Reverse Current
IRM
VRM=VRRM,Tj=25℃, Per diode
-
-
150
μA
ピーク順電圧
Peak Forward Voltage
VFM
IFM=10A,Tj=25℃,Per diode
-
-
0.71
V
接合容量
Junction Capacitance
Cj
f=100kHz,VR=10V,Per diode
-
225
-
pF
熱抵抗
Thermal Resistance
Rth(j-c)
接合部・ケース間
Junction to Case
-
-
2
℃/W
本資料の記載内容は製品改良などのため予告なく変更することがあります
The content specified herein is subject to change without notice.
Date of issue 2013.10.10
外形寸法図
OUTLINE DRAWING
Dimension : mm
Package : TO-263LP
Weight
: 0.59g(typ.)
Flammability : Epoxy Resin=UL94V-0 Recognized


Similar Part No. - UCHS20A08_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
UCHS20A08 NIEC-UCHS20A08 Datasheet
604Kb / 2P
   Scokkty Barrier Diode
logo
Kyocera Kinseki Corpota...
UCHS20A08 KSS-UCHS20A08 Datasheet
1Mb / 7P
   Schottky Barrier Diode
More results

Similar Description - UCHS20A08_15

ManufacturerPart #DatasheetDescription
logo
Rohm
RB070M-30 ROHM-RB070M-30_1 Datasheet
131Kb / 4P
   Schottky barrier diode
RB095B-40 ROHM-RB095B-40_09 Datasheet
451Kb / 4P
   Schottky barrier Diode
RB161L-40 ROHM-RB161L-40_2 Datasheet
161Kb / 4P
   Schottky barrier diode
RB205T-60 ROHM-RB205T-60_10 Datasheet
348Kb / 4P
   Schottky barrier diode
RB215T-60 ROHM-RB215T-60_10 Datasheet
308Kb / 4P
   Schottky barrier diode
RB496EA ROHM-RB496EA_1 Datasheet
195Kb / 4P
   Schottky barrier diode
RB521CS-30 ROHM-RB521CS-30_09 Datasheet
366Kb / 4P
   Schottky barrier diode
RB551V-30 ROHM-RB551V-30_1 Datasheet
132Kb / 4P
   Schottky barrier diode
RSX101VA-30 ROHM-RSX101VA-30_1 Datasheet
147Kb / 4P
   Schottky barrier diode
RSX301L-30 ROHM-RSX301L-30_1 Datasheet
181Kb / 4P
   Schottky barrier diode
RSX301LA-30 ROHM-RSX301LA-30_10 Datasheet
364Kb / 4P
   Schottky barrier diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com