Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UCQS30A045 Datasheet(PDF) 1 Page - National Instruments Corporation

Part # UCQS30A045
Description  SBD
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NI [National Instruments Corporation]
Direct Link  http://www.NI.com
Logo NI - National Instruments Corporation

UCQS30A045 Datasheet(HTML) 1 Page - National Instruments Corporation

  UCQS30A045_15 Datasheet HTML 1Page - National Instruments Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Tc=113℃
VRM=20V
50Hz 正弦全波, 抵抗負荷
50Hz Full Sine Wave, Resistance Load
30A Avg.
Volts
SBD
■OUTLINE DRAWING(mm)
1
45
■最大定格 Maximum Ratings(Ta=25℃:unless otherwise specified)
■定格・特性曲線
■APPROX. NET WEIGHT:0.59g
FIG.1
FIG.4
FIG.2
FIG.3
FIG.7
FIG.5
FIG.6
■電気的・熱的特性 Electrical/ Thermal Characteristics
Item
Condition
Min.
ピーク逆電流
Peak Reverse Current
Tj=25℃, VRM=VRRM,
一素子あたり 
Per Diode
ピーク順電圧
Peak Forward Voltage
Tj=25℃, IFM=15A,
一素子あたり 
Per Diode
熱抵抗
Thermal Resistance
接合部・ケース間
Junction to Case
Typ.
Max.
Unit
1
mA
0.55
V
1.5
℃/W
R th(j-c)
Symbol
I RM
V FM
Item
Symbol
Condition
平均整流電流
Average Rectified Forward Current
I O
30
実効順電流
R.M.S. Forward Current
I F(RMS)
33.3
保存温度範囲
Storage Temperature Range
T stg
−40∼+150
サージ順電流
Surge Forward Current
I FSM
250
Unit
A
A
A
動作接合温度範囲
Operating Junction Temperature Range
T jw
−40∼+150
くり返しピーク逆電圧
Repetitive Peak Reverse Voltage
V RRM
45
V
UCQS30A045
50Hz正弦全波 1サイクル 非くり返し
50Hz Full Sine Wave 1cycle, Non-repetitive


Similar Part No. - UCQS30A045_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
UCQS30A045 NIEC-UCQS30A045 Datasheet
957Kb / 1P
   Scokkty Barrier Diode
logo
Kyocera Kinseki Corpota...
UCQS30A045 KSS-UCQS30A045 Datasheet
956Kb / 7P
   Schottky Barrier Diode
More results

Similar Description - UCQS30A045_15

ManufacturerPart #DatasheetDescription
logo
Nihon Inter Electronics...
FCH20U10 NIEC-FCH20U10 Datasheet
302Kb / 1P
   SBD
logo
National Instruments Co...
GSH10A10B NI-GSH10A10B_15 Datasheet
131Kb / 1P
   SBD
GSQ05A03L NI-GSQ05A03L_15 Datasheet
116Kb / 1P
   SBD
GSQ05A04B NI-GSQ05A04B_15 Datasheet
131Kb / 1P
   SBD
GCH30A10 NI-GCH30A10_15 Datasheet
129Kb / 1P
   SBD
GCQ20A04 NI-GCQ20A04_15 Datasheet
130Kb / 1P
   SBD
GCQ30A03L NI-GCQ30A03L_15 Datasheet
130Kb / 1P
   SBD
GCQ30A06 NI-GCQ30A06_15 Datasheet
129Kb / 1P
   SBD
KSQ30A06B NI-KSQ30A06B_15 Datasheet
125Kb / 1P
   SBD
KSQ60A03LB NI-KSQ60A03LB_15 Datasheet
98Kb / 1P
   SBD
KSQ60A04E NI-KSQ60A04E_15 Datasheet
103Kb / 1P
   SBD
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com