Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSS13A0R3 Datasheet(PDF) 5 Page - Intersil Corporation

Part # FSS13A0R3
Description  2A, 100V, 0.170 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSS13A0R3 Datasheet(HTML) 5 Page - Intersil Corporation

  FSS13A0R3 Datasheet HTML 1Page - Intersil Corporation FSS13A0R3 Datasheet HTML 2Page - Intersil Corporation FSS13A0R3 Datasheet HTML 3Page - Intersil Corporation FSS13A0R3 Datasheet HTML 4Page - Intersil Corporation FSS13A0R3 Datasheet HTML 5Page - Intersil Corporation FSS13A0R3 Datasheet HTML 6Page - Intersil Corporation FSS13A0R3 Datasheet HTML 7Page - Intersil Corporation FSS13A0R3 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
FIGURE 8. UNCLAMPED INDUCTIVE SWITCHING
Test Circuits and Waveforms
FIGURE 9. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 10. UNCLAMPED ENERGY WAVEFORMS
FIGURE 11. RESISTIVE SWITCHING TEST CIRCUIT
FIGURE 12. RESISTIVE SWITCHING WAVEFORMS
Typical Performance Curves Unless Otherwise Specified (Continued)
10
1
0.01
0.1
1
tAV, TIME IN AVALANCHE (ms)
10
tAV = (L/R) ln [(IAS*R) / (1.3 RATED BVDSS - VDD) + 1]
tAV = (L) (IAS) / (1.3 RATED BVDSS - VDD)
IF R = 0
STARTING TJ = 150
oC
STARTING TJ = 25
oC
IF R
≠ 0
5
tP
VGS ≤ 20V
L
+
-
VDS
VDD
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
50
50
50V-150V
IAS
+
-
ELECTRONIC SWITCH OPENS
WHEN IAS IS REACHED
CURRENT
TRANSFORMER
VDD
VDS
BVDSS
tP
IAS
tAV
VDS
DUT
RGS
0V
VGS = 12V
VDD
RL
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
tON
FSS13A0D, FSS13A0R


Similar Part No. - FSS13A0R3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FSS13 ETC-FSS13 Datasheet
43Kb / 2P
   1 Amp. Surface Mounted Schottky Barrier Rectifier
logo
Intersil Corporation
FSS130D INTERSIL-FSS130D Datasheet
45Kb / 8P
   11A, 100V, 0.210 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS130D1 INTERSIL-FSS130D1 Datasheet
45Kb / 8P
   11A, 100V, 0.210 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS130D3 INTERSIL-FSS130D3 Datasheet
45Kb / 8P
   11A, 100V, 0.210 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS130R INTERSIL-FSS130R Datasheet
45Kb / 8P
   11A, 100V, 0.210 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
More results

Similar Description - FSS13A0R3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSF254D INTERSIL-FSF254D Datasheet
45Kb / 8P
   18A, 250V, 0.170 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL430D INTERSIL-FSL430D Datasheet
46Kb / 8P
   2A, 500V, 2.50 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL130D INTERSIL-FSL130D Datasheet
45Kb / 8P
   8A, 100V, 0.230 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS130D INTERSIL-FSS130D Datasheet
45Kb / 8P
   11A, 100V, 0.210 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSJ160D INTERSIL-FSJ160D Datasheet
60Kb / 9P
   70A, 100V, 0.022 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSL110D INTERSIL-FSL110D Datasheet
58Kb / 8P
   3.5A, 100V, 0.600 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
October 1998
FSL13A0D INTERSIL-FSL13A0D Datasheet
71Kb / 8P
   9A, 100V, 0.180 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1999
FSF150D INTERSIL-FSF150D Datasheet
45Kb / 8P
   25A, 100V, 0.070 Ohm, Rad Hard, SEGR Resistant, N-Channel Power MOSFETs
June 1998
FSS9130D INTERSIL-FSS9130D Datasheet
44Kb / 8P
   6A, -100V, 0.660 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
FSJ9160D INTERSIL-FSJ9160D Datasheet
46Kb / 8P
   44A, -100V, 0.055 Ohm, Rad Hard, SEGR Resistant, P-Channel Power MOSFETs
June 1998
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com