Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC1093T Datasheet(PDF) 3 Page - NEC

Part # UPC1093T
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1093T Datasheet(HTML) 3 Page - NEC

  UPC1093T Datasheet HTML 1Page - NEC UPC1093T Datasheet HTML 2Page - NEC UPC1093T Datasheet HTML 3Page - NEC UPC1093T Datasheet HTML 4Page - NEC UPC1093T Datasheet HTML 5Page - NEC UPC1093T Datasheet HTML 6Page - NEC UPC1093T Datasheet HTML 7Page - NEC UPC1093T Datasheet HTML 8Page - NEC UPC1093T Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
µPC1093
3
ABSOLUTE MAXIMUM RATING (TA = 25
°C, unless otherwise specified.)
Parameter
Symbol
Ratings
Unit
Cathode Voltage
VKA
37
V
Cathode Current
IK
150
mA
Cathode-Anode Reverse Current
–IK
–100
mA
Reference Voltage
VREF
7V
Reference Input Current
IREF
50
µA
Reference-Anode Reverse Current
–IREF
–10
mA
Power Dissipation
µPC1093J
PT
700
mW
µPC1093G
480
µPC1093T
400/2 000Note 1
µPC1093TA
180/510Note 2
Operating Ambient Temperature
TA
–20 ~ +85
°C
Storage Temperature
Tstg
–65 ~ +150
°C
Notes 1. with 16 cm2
× 0.7 mm ceramic substrate
2. with 75 mm2
× 0.7 mm ceramic substrate
Caution Exposure to Absolute Maximum Ratings for extended periods may affect device reliability; exceed-
ing the ratings could cause permanent damage. The parameters apply independently. The device
should be operated within the limits specified under DC and AC Characteristics.
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Cathode Voltage
VKA
VREF
536
V
Cathode Current
IK
1
10
100
mA
Power Dissipation
µPC1093J
PT
50
220
mW
µPC1093G
50
150
µPC1093T
50
125/640Note 1
µPC1093TA
50
58/160Note 2
Operating Ambient Temperature
TA
–20
+85
°C
Notes 1. with 16 cm2
× 0.7 mm ceramic substrate
2. with 75 mm2
× 0.7 mm ceramic substrate


Similar Part No. - UPC1093T

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1093T RENESAS-UPC1093T Datasheet
209Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1986
UPC1093TA RENESAS-UPC1093TA Datasheet
209Kb / 18P
   BIPOLAR ANALOG INTEGRATED CIRCUIT
1986
More results

Similar Description - UPC1093T

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AN431 BCDSEMI-AN431 Datasheet
130Kb / 14P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431XM3 CYSTEKEC-TL431XM3 Datasheet
162Kb / 5P
   Adjustable Precision Shunt Regulators
logo
NXP Semiconductors
TL431C PHILIPS-TL431C Datasheet
189Kb / 16P
   Adjustable precision shunt regulators
1997 Feb 25
logo
Diodes Incorporated
AN431 DIODES-AN431 Datasheet
361Kb / 13P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431M3 CYSTEKEC-TL431M3 Datasheet
198Kb / 6P
   Adjustable Precision Shunt Regulators
logo
Texas Instruments
TL431B TI-TL431B Datasheet
787Kb / 40P
[Old version datasheet]   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
List of Unclassifed Man...
431L ETC-431L Datasheet
92Kb / 3P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Bookly Micro electronic
BM431 BOOKLY-BM431 Datasheet
171Kb / 10P
   ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Cystech Electonics Corp...
TL431SKA3 CYSTEKEC-TL431SKA3 Datasheet
453Kb / 9P
   Adjustable Precision Shunt Regulators
logo
BCD Semiconductor Manuf...
AS431 BCDSEMI-AS431 Datasheet
159Kb / 17P
   ADJUSTABLE PRECISION SHUNT REGULATORS
AZ431-A BCDSEMI-AZ431-A Datasheet
185Kb / 2P
   ADJUSTABLE PRECISION SHUNT REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com