Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SD1624-T Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # 2SD1624-T
Description  NPN Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

2SD1624-T Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  2SD1624-T Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd 2SD1624-T Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd 2SD1624-T Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMD Type
www.kexin.com.cn
3
Transistors
NPN Transistors
2SD1624
Typical Characterisitics
2 3
5
0
1
1
.
0
2 3
5
0.01
2 3
5
1.0
fT -- IC
100
10
2
5
7
1000
7
5
3
2
3
2SD1624
Cob -- VCB
0
1
0
.
1
7
3
5
10
1.0
2
3
5
2
2
7
3
5
100
2
7
3
5
2
5
7
7
3
2
5
3
100
10
1000
2 3
5 7
7
7 0.01
2 3
5
3
5
0.1
2
1.0
ITR08918
VCE(sat) -- IC
2SD1624
IC / IB=20
25 C
Ta=75 C
--25 C
2SD1624
VCE=10V
2SD1624
2SD1624
f=1MHz
For PNP, minus sign is omitted.
For PNP, minus sign is omitted.
Collector Current, IC – A
Collector-to-Base Voltage, VCB -- V
Collector Current, IC – A
5
7
7
3
2
5
3
1.0
10
2
3
5 7
7
7 0.01
2 3
5
2
3
5
0.1
1.0
VBE(sat) -- IC
2SD1624
IC / IB=20
25 C
75 C
Ta= --25 C
Collector Current, IC – A
A S O
1.0
0.1
5
10
5
3
3
2
2
5
3
2
0
1
0
.
1
2
5
7
3
3
100
2
5
7
3
5 7
0
1.8
1.6
1.5
1.4
1.2
0.8
1.0
0.6
0.5
0.4
0.2
0
20
40
60
100
120
160
140
80
PC -- Ta
Mounted
on
ceramic
board(250mm
2
0.8mm)
No heat
sink
2SD1624
ICP=6A
100ms 10ms
1ms
DC
operation
Ta=25 C
Single pulse
Mounted on ceramic board(250mm2 0.8mm)
For PNP, minus sign is omitted.
2SD1624
Collector-to-Emitter Voltage, VCE – V
Ambient Temperature, Ta – ˚C
IC=3A


Similar Part No. - 2SD1624-T

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
2SD1624-T YFWDIODE-2SD1624-T Datasheet
685Kb / 4P
   NPN Transistors
More results

Similar Description - 2SD1624-T

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SC3438-HF KEXIN-2SC3438-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
BC817A KEXIN-BC817A_15 Datasheet
518Kb / 1P
   NPN Transistors
2SD2391 KEXIN-2SD2391_15 Datasheet
1,008Kb / 2P
   NPN Transistors
2SC4617 KEXIN-2SC4617_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC945-HF KEXIN-2SC945-HF_15 Datasheet
870Kb / 2P
   NPN Transistors
2SC2295-HF KEXIN-2SC2295-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2713-HF KEXIN-2SC2713-HF_15 Datasheet
1Mb / 3P
   NPN Transistors
2SC2882-HF KEXIN-2SC2882-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC2982-HF KEXIN-2SC2982-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
2SC3134-HF KEXIN-2SC3134-HF_15 Datasheet
794Kb / 3P
   NPN Transistors
2SC3265-HF KEXIN-2SC3265-HF_15 Datasheet
1Mb / 2P
   NPN Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com