Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8531 Datasheet(PDF) 9 Page - Analog Devices

Part # AD8531
Description  Single-Supply Amplifiers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8531 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD8531_15 Datasheet HTML 5Page - Analog Devices AD8531_15 Datasheet HTML 6Page - Analog Devices AD8531_15 Datasheet HTML 7Page - Analog Devices AD8531_15 Datasheet HTML 8Page - Analog Devices AD8531_15 Datasheet HTML 9Page - Analog Devices AD8531_15 Datasheet HTML 10Page - Analog Devices AD8531_15 Datasheet HTML 11Page - Analog Devices AD8531_15 Datasheet HTML 12Page - Analog Devices AD8531_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
AD8531/AD8532/AD8534
Rev. F | Page 9 of 20
FREQUENCY (Hz)
140
120
40
60
80
100
20
0
–20
–40
–60
100
1k
10k
100k
1M
10M
VS = 5V
TA = 25°C
PSSR+
PSSR–
Figure 24. Power Supply Rejection vs. Frequency
CAPACITANCE (pF)
50
40
30
10
20
0
10
100
1000
10000
VS = 2.7V
TA = 25°C
RL = 2kΩ
–OS
+OS
Figure 25. Small Signal Overshoot vs. Load Capacitance
CAPACITANCE (pF)
60
50
40
30
10
20
0
10
100
1000
10000
VS = 5V
TA = 25°C
RL = 2kΩ
–OS
+OS
Figure 26. Small Signal Overshoot vs. Load Capacitance
CAPACITANCE (pF)
50
40
30
10
20
0
10
100
1000
10000
VS = 5V
TA = 25°C
RL = 600Ω
–OS
+OS
Figure 27. Small Signal Overshoot vs. Load Capacitance
CAPACITANCE (pF)
50
40
30
10
20
0
10
100
1000
10000
VS = 2.7V
TA = 25°C
RL = 600Ω
–OS
+OS
Figure 28. Small Signal Overshoot vs. Load Capacitance
TEMPERATURE (°C)
0.85
0.80
0.75
0.70
0.65
0.60
0.55
0.50
0.90
–20
–40
0
20
40
60
80
VS = 5V
VS = 3V
Figure 29. Supply Current per Amplifier vs. Temperature


Similar Part No. - AD8531_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8531AKS AD-AD8531AKS Datasheet
417Kb / 16P
   Low Cost, 250 mA Output Single-Supply Amplifiers
REV. D
AD8531AKS-R2 AD-AD8531AKS-R2 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8531AKS-REEL7 AD-AD8531AKS-REEL7 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8531AKSZ-R2 AD-AD8531AKSZ-R2 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
AD8531AKSZ-REEL7 AD-AD8531AKSZ-REEL7 Datasheet
508Kb / 20P
   Low Cost, 250 mA Output, Single-Supply Amplifiers
Rev. F
More results

Similar Description - AD8531_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8532 AD-AD8532_15 Datasheet
508Kb / 20P
   Single-Supply Amplifiers
Rev. F
AD8626 AD-AD8626_15 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
AD8627 AD-AD8627_15 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
logo
Texas Instruments
OPA365-Q1 TI1-OPA365-Q1_16 Datasheet
594Kb / 22P
[Old version datasheet]   Single-Supply Operational Amplifiers
logo
Advanced Monolithic Sys...
AMS386 AMS-AMS386 Datasheet
202Kb / 2P
   Single Supply Operational Amplifiers
logo
Analog Devices
AD8625 AD-AD8625_15 Datasheet
290Kb / 20P
   Single-Supply JFET Amplifiers
Rev. F
logo
Texas Instruments
LMH6657 TI1-LMH6657 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
LMH6658 TI1-LMH6658 Datasheet
1Mb / 29P
[Old version datasheet]   270MHz Single Supply, Single & Dual Amplifiers
logo
National Semiconductor ...
LMH6657 NSC-LMH6657_14 Datasheet
1Mb / 29P
   270MHz Single Supply, Single & Dual Amplifiers
LMH6657 NSC-LMH6657 Datasheet
788Kb / 20P
   270MHz Single Supply, Single & Dual Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com