Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSYC9160R3 Datasheet(PDF) 6 Page - Intersil Corporation

Part # FSYC9160R3
Description  Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSYC9160R3 Datasheet(HTML) 6 Page - Intersil Corporation

  FSYC9160R3 Datasheet HTML 1Page - Intersil Corporation FSYC9160R3 Datasheet HTML 2Page - Intersil Corporation FSYC9160R3 Datasheet HTML 3Page - Intersil Corporation FSYC9160R3 Datasheet HTML 4Page - Intersil Corporation FSYC9160R3 Datasheet HTML 5Page - Intersil Corporation FSYC9160R3 Datasheet HTML 6Page - Intersil Corporation FSYC9160R3 Datasheet HTML 7Page - Intersil Corporation FSYC9160R3 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Screening Information
Screening is performed in accordance with the latest revision in effect of MIL-S-19500, (Screening Information Table).
Delta Tests and Limits (JANTXV Equivalent, JANS Equivalent) TC = 25oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MAX
UNITS
Gate to Source Leakage Current
IGSS
VGS = ±20V
±20 (Note 7)
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 80% Rated Value
±25 (Note 7)
µA
Drain to Source On Resistance
rDS(ON)
TC = 25
oC at Rated I
D
±20% (Note 8)
Gate Threshold Voltage
VGS(TH)
ID = 1.0mA
±20% (Note 8)
V
NOTES:
7. Or 100% of Initial Reading (whichever is greater).
8. Of Initial Reading.
Screening Information
TEST
JANTXV EQUIVALENT
JANS EQUIVALENT
Gate Stress
VGS = -30V, t = 250µsVGS = -30V, t = 250µs
Pind
Optional
Required
Pre Burn-In Tests (Note 9)
MIL-S-19500 Group A,
Subgroup 2 (All Static Tests at 25oC)
MIL-S-19500 Group A,
Subgroup 2 (All Static Tests at 25oC)
Steady State Gate
Bias (Gate Stress)
MIL-STD-750, Method 1042, Condition B
VGS = 80% of Rated Value,
TA = 150
oC, Time = 48 hours
MIL-STD-750, Method 1042, Condition B
VGS = 80% of Rated Value,
TA = 150
oC, Time = 48 hours
Interim Electrical Tests (Note 9)
All Delta Parameters Listed in the Delta Tests
and Limits Table
All Delta Parameters Listed in the Delta Tests
and Limits Table
Steady State Reverse
Bias (Drain Stress)
MIL-STD-750, Method 1042, Condition A
VDS = 80% of Rated Value,
TA = 150
oC, Time = 160 hours
MIL-STD-750, Method 1042, Condition A
VDS = 80% of Rated Value,
TA = 150
oC, Time = 240 hours
PDA
10%
5%
Final Electrical Tests (Note 9)
MIL-S-19500, Group A, Subgroup 2
MIL-S-19500, Group A,
Subgroups 2 and 3
NOTE:
9. Test limits are identical pre and post burn-in.
Additional Screening Tests
PARAMETER
SYMBOL
TEST CONDITIONS
MAX
UNITS
Safe Operating Area
SOA
VDS = -80V, t = 10ms
5.5
A
Unclamped Inductive Switching
IAS
VGS(PEAK) = -15V, L = 0.1mH
141
A
Thermal Response
∆VSD
tH = 10ms; VH = -25V; IH = 4A
55
mV
Thermal Impedance
∆VSD
tH = 500ms; VH = -20V; IH = 4A
(HEATSINK REQUIRED)
115
mV
FSYC9160D, FSYC9160R


Similar Part No. - FSYC9160R3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSYC9055D INTERSIL-FSYC9055D Datasheet
51Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1999
FSYC9055D1 INTERSIL-FSYC9055D1 Datasheet
51Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1999
FSYC9055D3 INTERSIL-FSYC9055D3 Datasheet
51Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1999
FSYC9055R INTERSIL-FSYC9055R Datasheet
51Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1999
FSYC9055R1 INTERSIL-FSYC9055R1 Datasheet
51Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1999
More results

Similar Description - FSYC9160R3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSTJ9055D INTERSIL-FSTJ9055D Datasheet
72Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSYE913A0D INTERSIL-FSYE913A0D Datasheet
73Kb / 9P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
February 2000
FSYE923A0D INTERSIL-FSYE923A0D Datasheet
70Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSTYC9055D INTERSIL-FSTYC9055D Datasheet
74Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSYA9150D INTERSIL-FSYA9150D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
October 1998
FSYC9055D INTERSIL-FSYC9055D Datasheet
51Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1999
FSJ163D INTERSIL-FSJ163D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYC055D INTERSIL-FSYC055D Datasheet
49Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYE430D INTERSIL-FSYE430D Datasheet
58Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYA450D INTERSIL-FSYA450D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com