Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSYE913A0R Datasheet(PDF) 4 Page - Intersil Corporation

Part # FSYE913A0R
Description  Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSYE913A0R Datasheet(HTML) 4 Page - Intersil Corporation

  FSYE913A0R Datasheet HTML 1Page - Intersil Corporation FSYE913A0R Datasheet HTML 2Page - Intersil Corporation FSYE913A0R Datasheet HTML 3Page - Intersil Corporation FSYE913A0R Datasheet HTML 4Page - Intersil Corporation FSYE913A0R Datasheet HTML 5Page - Intersil Corporation FSYE913A0R Datasheet HTML 6Page - Intersil Corporation FSYE913A0R Datasheet HTML 7Page - Intersil Corporation FSYE913A0R Datasheet HTML 8Page - Intersil Corporation FSYE913A0R Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
FIGURE 3. MAXIMUM CONTINUOUS DRAIN CURRENT vs
TEMPERATURE
FIGURE 4. FORWARD BIAS SAFE OPERATING AREA
FIGURE 5. BASIC GATE CHARGE WAVEFORM
FIGURE 6. NORMALIZED rDS(ON) vs JUNCTION TEMPERATURE
FIGURE 7. NORMALIZED MAXIMUM TRANSIENT THERMAL RESPONSE
Typical Performance Curves Unless Otherwise Specified (Continued)
TC, CASE TEMPERATURE (
oC)
150
100
50
0
-50
0
10
2
4
6
8
12
10
1
0.1
-10
-100
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
100
µs
10ms
1ms
-300
VDS, DRAIN TO SOURCE VOLTAGE (V)
-1
TC = 25
oC
100
CHARGE
QGD
QG
VG
QGS
BASIC GATE CHARGE WAVEFORM
-12V
2.0
1.5
1.0
0.5
0.0
-80
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
2.5
PULSE DURATION = 250ms, VGS = -12V, ID = 5A
10-5
10-4
10-3
10-2
10-1
100
0.001
0.01
0.1
t, RECTANGULAR PULSE DURATION (s)
1
10
PDM
t1
t2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x Z
θJC + TC
SINGLE PULSE
0.5
0.02
0.1
0.01
0.2
101
0.05
FSYE913A0D, FSYE913A0R


Similar Part No. - FSYE913A0R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSYE923A0D INTERSIL-FSYE923A0D Datasheet
70Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSYE923A0D1 INTERSIL-FSYE923A0D1 Datasheet
70Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSYE923A0D3 INTERSIL-FSYE923A0D3 Datasheet
70Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSYE923A0R INTERSIL-FSYE923A0R Datasheet
70Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSYE923A0R1 INTERSIL-FSYE923A0R1 Datasheet
70Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
More results

Similar Description - FSYE913A0R

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSTJ9055D INTERSIL-FSTJ9055D Datasheet
72Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSYE923A0D INTERSIL-FSYE923A0D Datasheet
70Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSYC9160D INTERSIL-FSYC9160D Datasheet
61Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1998
FSTYC9055D INTERSIL-FSTYC9055D Datasheet
74Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSYA9150D INTERSIL-FSYA9150D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
October 1998
FSYC9055D INTERSIL-FSYC9055D Datasheet
51Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1999
FSJ163D INTERSIL-FSJ163D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYC055D INTERSIL-FSYC055D Datasheet
49Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYE430D INTERSIL-FSYE430D Datasheet
58Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYA450D INTERSIL-FSYA450D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com