Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2400 Datasheet(PDF) 5 Page - Intersil Corporation

Part # HA-2400
Description  40MHz, PRAM Four Channel Programmable Amplifiers
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2400 Datasheet(HTML) 5 Page - Intersil Corporation

  HA-2400 Datasheet HTML 1Page - Intersil Corporation HA-2400 Datasheet HTML 2Page - Intersil Corporation HA-2400 Datasheet HTML 3Page - Intersil Corporation HA-2400 Datasheet HTML 4Page - Intersil Corporation HA-2400 Datasheet HTML 5Page - Intersil Corporation HA-2400 Datasheet HTML 6Page - Intersil Corporation HA-2400 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
3-165
Typical Performance Curves
FIGURE 3. INPUT BIAS CURRENT AND OFFSET CURRENT vs
TEMPERATURE
FIGURE 4. NORMALIZED AC PARAMETERS vs TEMPERATURE
FIGURE 5. POWER SUPPLY CURRENT vs TEMPERATURE
FIGURE 6. OPEN LOOP FREQUENCY AND PHASE RESPONSE
FIGURE 7. FREQUENCY RESPONSE vs CCOMP
FIGURE 8. NORMALIZED AC PARAMETERS vs SUPPLY
VOLTAGE
TEMPERATURE (oC)
-55
-50
-25
0
25
50
75
100
125
0
5
10
40
60
80
100
120
140
BIAS CURRENT
OFFSET CURRENT
TEMPERATURE (oC)
-55
-50
-25
0
25
50
75
100
125
0.8
0.9
1.0
1.1
1.2
BANDWIDTH
SLEW RATE
TEMPERATURE (oC)
-55
-50
-25
0
25
50
75
100
125
3
4
5
VSUPPLY = ±20V
VSUPPLY = ±15V
VSUPPLY = ±10V
CROSSTALK REJECTION, AV = +1
CCOMP = 0pF
PHASE
CCOMP = 15pF
GAIN
-20
0
20
40
60
80
100
120
FREQUENCY (Hz)
10
100
1K
10K
100K
1M
10M
100M
0
30
60
90
120
150
180
210
FREQUENCY (Hz)
10
100
1K
10K
100K
1M
10M
100M
-20
0
20
40
60
80
100
120
1000pF
300pF
100pF
30pF
15pF
0pF
SLEW RATE
BANDWIDTH
SUPPLY VOLTAGE (V)
±10
±20
±15
0.8
0.9
1.0
1.1
1.2
HA-2400, HA-2404, HA-2405


Similar Part No. - HA-2400

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2404 INTERSIL-HA-2404 Datasheet
304Kb / 8P
   40MHz, PRAM Four Channel Programmable Amplifiers
logo
Renesas Technology Corp
HA-2404 RENESAS-HA-2404 Datasheet
546Kb / 8P
   40MHz, PRAM Four Channel Programmable Amplifiers
August 2003
logo
Intersil Corporation
HA-2406 INTERSIL-HA-2406 Datasheet
103Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
April 1999
HA-2406 INTERSIL-HA-2406 Datasheet
336Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
logo
Renesas Technology Corp
HA-2406 RENESAS-HA-2406 Datasheet
511Kb / 7P
   30MHz, Digitally Selectable Four Channel Operational Amplifier
August 2002
More results

Similar Description - HA-2400

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2404 INTERSIL-HA-2404 Datasheet
304Kb / 8P
   40MHz, PRAM Four Channel Programmable Amplifiers
logo
Renesas Technology Corp
HA-2404 RENESAS-HA-2404 Datasheet
546Kb / 8P
   40MHz, PRAM Four Channel Programmable Amplifiers
August 2003
logo
Intersil Corporation
HS-2400RH INTERSIL-HS-2400RH_00 Datasheet
45Kb / 3P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
HS-2400RH INTERSIL-HS-2400RH Datasheet
101Kb / 5P
   Radiation Hardened PRAM Four Channel Programmable Operational Amplifier
ISL5416KI INTERSIL-ISL5416KI Datasheet
1Mb / 71P
   Four-Channel Wideband Programmable
August 2004
logo
Texas Instruments
TAS5414B-Q1 TI1-TAS5414B-Q1 Datasheet
1,009Kb / 39P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414B-Q1 TI1-TAS5414B-Q1_16 Datasheet
2Mb / 46P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414A TI-TAS5414A_15 Datasheet
1Mb / 53P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
TAS5414C-Q1 TI1-TAS5414C-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   Four-Channel Automotive Digital Amplifiers
TAS5414A TI1-TAS5414A_17 Datasheet
3Mb / 55P
[Old version datasheet]   FOUR-CHANNEL AUTOMOTIVE DIGITAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com