Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FSYE923A0R3 Datasheet(PDF) 2 Page - Intersil Corporation

Part # FSYE923A0R3
Description  Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

FSYE923A0R3 Datasheet(HTML) 2 Page - Intersil Corporation

  FSYE923A0R3 Datasheet HTML 1Page - Intersil Corporation FSYE923A0R3 Datasheet HTML 2Page - Intersil Corporation FSYE923A0R3 Datasheet HTML 3Page - Intersil Corporation FSYE923A0R3 Datasheet HTML 4Page - Intersil Corporation FSYE923A0R3 Datasheet HTML 5Page - Intersil Corporation FSYE923A0R3 Datasheet HTML 6Page - Intersil Corporation FSYE923A0R3 Datasheet HTML 7Page - Intersil Corporation FSYE923A0R3 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
Absolute Maximum Ratings TC = 25oC, Unless Otherwise Specified
FSYE923A0D, FSYE923A0R
UNITS
Drain to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDS
-200
V
Drain to Gate Voltage (RGS = 20kΩ) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VDGR
-200
V
Continuous Drain Current
TC = 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .I
D
6A
TC = 100
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .I
D
4A
Pulsed Drain Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .IDM
18
A
Gate to Source Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .VGS
±20
V
Maximum Power Dissipation
TC = 25
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . P
T
42
W
TC = 100
oC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . P
T
17
W
Linear Derating Factor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
0.33
W/oC
Single Pulsed Avalanche Current, L = 100
µH, (See Test Figure) . . . . . . . . . . . . . . . . . . . . . .IAS
18
A
Continuous Source Current (Body Diode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . IS
6A
Pulsed Source Current (Body Diode). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . ISM
18
A
Operating and Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TJ, TSTG
-55 to 150
oC
Lead Temperature (During Soldering) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TL
(Distance >0.063in (1.6mm) from Case, 10s Max)
300
oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
TC = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Drain to Source Breakdown Voltage
BVDSS
ID = 1mA, VGS = 0V
-200
-
-
V
Gate Threshold Voltage
VGS(TH)
VGS = VDS,
ID = 1mA
TC = -55
oC
-
-
-7.0
V
TC = 25
oC
-2.0
-
-6.0
V
TC = 125
oC
-1.0
-
-
V
Zero Gate Voltage Drain Current
IDSS
VDS = -160V,
VGS = 0V
TC = 25
oC-
-
25
µA
TC = 125
oC
-
-
250
µA
Gate to Source Leakage Current
IGSS
VGS = ±20V
TC = 25
oC
-
-
100
nA
TC = 125
oC
-
-
200
nA
Drain to Source On-State Voltage
VDS(ON)
VGS = -12V, ID = 6A
-
-
-4.29
V
Drain to Source On Resistance
rDS(ON)12
ID = 4A,
VGS = -12V
TC = 25
oC
-
0.530
0.650
TC = 125
oC
-
-
1.18
Turn-On Delay Time
td(ON)
VDD = -100V, ID = 6A,
RL = 16.7Ω, VGS = -12V,
RGS = 7.5Ω
-
-
15
ns
Rise Time
tr
-
-
30
ns
Turn-Off Delay Time
td(OFF)
-
-
50
ns
Fall Time
tf
-
-
35
ns
Total Gate Charge
Qg(TOT)
VGS = 0V to -20V
VDD = -100V,
ID = 6A
-
-
62
nC
Gate Charge at 12V
Qg(12)
VGS = 0V to -12V
-
37
43
nC
Threshold Gate Charge
Qg(TH)
VGS = 0V to -2V
-
-
2.5
nC
Gate Charge Source
Qgs
-
5.8
7.5
nC
Gate Charge Drain
Qgd
-17
21
nC
Plateau Voltage
V(PLATEAU) ID = 6A, VDS = -15V
-
-6
-
V
Input Capacitance
CISS
VDS = -25V, VGS = 0V,
f = 1MHz
-
950
-
pF
Output Capacitance
COSS
-
200
-
pF
Reverse Transfer Capacitance
CRSS
-55-
pF
Thermal Resistance Junction to Case
R
θJC
-
-
3.0
oC/W
FSYE923A0D, FSYE923A0R


Similar Part No. - FSYE923A0R3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSYE913A0D INTERSIL-FSYE913A0D Datasheet
73Kb / 9P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
February 2000
FSYE913A0D1 INTERSIL-FSYE913A0D1 Datasheet
73Kb / 9P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
February 2000
FSYE913A0D3 INTERSIL-FSYE913A0D3 Datasheet
73Kb / 9P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
February 2000
FSYE913A0R INTERSIL-FSYE913A0R Datasheet
73Kb / 9P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
February 2000
FSYE913A0R1 INTERSIL-FSYE913A0R1 Datasheet
73Kb / 9P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
February 2000
More results

Similar Description - FSYE923A0R3

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
FSTJ9055D INTERSIL-FSTJ9055D Datasheet
72Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSYE913A0D INTERSIL-FSYE913A0D Datasheet
73Kb / 9P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
February 2000
FSYC9160D INTERSIL-FSYC9160D Datasheet
61Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1998
FSTYC9055D INTERSIL-FSTYC9055D Datasheet
74Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
June 2000
FSYA9150D INTERSIL-FSYA9150D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
October 1998
FSYC9055D INTERSIL-FSYC9055D Datasheet
51Kb / 8P
   Radiation Hardened, SEGR Resistant P-Channel Power MOSFETs
July 1999
FSJ163D INTERSIL-FSJ163D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYC055D INTERSIL-FSYC055D Datasheet
49Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
July 1998
FSYE430D INTERSIL-FSYE430D Datasheet
58Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
June 1999
FSYA450D INTERSIL-FSYA450D Datasheet
56Kb / 8P
   Radiation Hardened, SEGR Resistant N-Channel Power MOSFETs
March 1999
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com