Selected language     English  ▼


HA-2541 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. HA-2541
Description  40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

   
 6 page
background image
6
Typical Performance Curves
FIGURE 5. INPUT RESISTANCE vs FREQUENCY
FIGURE 6. OFFSET VOLTAGE vs TEMPERATURE
(6 REPRESENTATIVE UNITS)
FIGURE 7. NOISE DENSITY vs FREQUENCY
FIGURE 8. BIAS CURRENT vs TEMPERATURE
(6 REPRESENTATIVE UNITS)
FIGURE 9. OUTPUT VOLTAGE SWING vs SUPPLY VOLTAGE
FIGURE 10. OUTPUT CURRENT vs SUPPLY VOLTAGE
FREQUENCY (Hz)
100M
10M
1M
100
1000
10K
100K
10
100K
TA = 25
oC, V
S = ±15V
V+
V-
900
100
+
-
TEMPERATURE (oC)
0
20
40
60
80
100
120
-20
-40
-60
-3.0
-2.5
-2.0
-1.5
-1.0
-0.5
1.5
2.0
2.5
3.0
1.0
0.5
0
FREQUENCY (Hz)
1K
10K
100K
100
10
1
1000
100
1
10
1000
100
1
10
TA = 25
oC
INI
ENI
TEMPERATURE (oC)
0
20
40
60
80
100
120
-20
-40
-60
21
20
19
18
17
16
15
14
13
12
11
10
9
8
4
7
5
6
3
5
7
9
11
15
SUPPLY VOLTAGE (
±V)
12
10
8
6
4
2
-12
-6
-4
-2
0
-8
-10
-14
-55oC
+VOUT
25oC
+VOUT
125oC
+VOUT
13
125oC
+VOUT
25oC
+VOUT
-55oC
+VOUT
50
40
30
20
10
-30
-20
-10
0
60
-40
-55oC
+IOUT
25oC
+IOUT
125oC
+IOUT
125oC
-IOUT
3
5
7
9
11
15
SUPPLY VOLTAGE (
±V)
13
-55oC
-IOUT
25oC
-IOUT
HA-2541




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HA-2541883Wideband Fast Settling Unity Gain Stable Operational Amplifier 1 2 3 4 5 Intersil Corporation
EL2041Wideband Fast Settling Unity Gain Stable Operational Amplifier 1 2 3 4 5 MoreElantec Semiconductor
EL2041DWideband Fast Settling Unity Gain Stable Operational Amplifier 1 Elantec Semiconductor
HA-2841Wideband Fast Settling Unity Gain Stable Video Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
EL2224Dual 60MHz Unity Gain Stable Operational Amplifier 1 2 3 4 5 MoreElantec Semiconductor
EL2224DDual 60MHz Unity Gain Stable Operational Amplifier 1 Elantec Semiconductor
OPA655Wideband Unity Gain Stable FET-Input OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
OP-42HIGH SPEED FAST SETTLING PRECISION OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreAnalog Devices
LH4105PRECISION FAST SETTLING HIGH CURRENT OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreNational Semiconductor (TI)
KH200Fast Settling Wideband Operational Amplifier 1 2 3 4 5 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl