Selected language     English  ▼


HA-2541 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. HA-2541
Description  40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

   
 1 page
background image
1
HA-2541
40MHz, Fast Settling, Unity Gain Stable,
Operational Amplifier
The HA-2541 is the first unity gain stable monolithic
operational amplifier to achieve 40MHz unity gain
bandwidth. A major addition to the Intersil series of high
speed, wideband op amps, the HA-2541 is designed for
video and pulse applications requiring stable amplifier
response at low closed loop gains.
The uniqueness of the HA-2541 is that its slew rate and
bandwidth characteristics are specified at unity gain.
Historically, high slew rate, wide bandwidth and unity gain
stability have been incompatible features for a monolithic
operational amplifier. But features such as 250V/
µs slew rate
and 40MHz unity gain bandwidth clearly show that this is not
the case for the HA-2541. These features, along with 90ns
settling time to 0.1%, make this product an excellent choice
for high speed data acquisition systems.
MIL-STD-883 product and data sheets are available upon
request, Intersil AnswerFAX (407-724-7800) document
#3698.
For further application suggestions on the HA-2541, please
refer to Application Note AN550 (Using the HA-2541), and
Application Note AN556 (Thermal Safe Operating Areas for
High Current Operational Amplifiers), Intersil AnswerFAX
(407-724-7800) document #9550 and 9556. Also see
‘Applications’ in this data sheet.
Features
• Unity Gain Bandwidth. . . . . . . . . . . . . . . . . . . . . . . 40MHz
• High Slew Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . 250V/
µs
• Low Offset Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 0.8mV
• Fast Settling Time (0.1%) . . . . . . . . . . . . . . . . . . . . . 90ns
• Power Bandwidth . . . . . . . . . . . . . . . . . . . . . . . . . . . 4MHz
• Output Voltage Swing (Min) . . . . . . . . . . . . . . . . . . .
±10V
• Unity Gain Stability
• Monolithic Bipolar Dielectric Isolation Construction
Applications
• Pulse and Video Amplifiers
• Wideband Amplifiers
• High Speed Sample-Hold Circuits
• Fast, Precise D/A Converters
• High Speed A/D Input Buffer
Pinout
HA1-2541
(CERDIP)
TOP VIEW
For a lower power version of this product, please see
the HA-2841 data sheet.
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
HA1-2541-5
0 to 75
14 Ld CERDIP
F14.3
NC
NC
BAL
-IN
+IN
V-
NC
NC
NC
BAL
V+
OUT
NC
NC
1
2
3
4
5
6
7
14
13
12
11
10
9
8
+
-
Data Sheet
September 1998
File Number
2898.3
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HA-2541883Wideband Fast Settling Unity Gain Stable Operational Amplifier 1 2 3 4 5 Intersil Corporation
EL2041Wideband Fast Settling Unity Gain Stable Operational Amplifier 1 2 3 4 5 MoreElantec Semiconductor
EL2041DWideband Fast Settling Unity Gain Stable Operational Amplifier 1 Elantec Semiconductor
HA-2841Wideband Fast Settling Unity Gain Stable Video Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
EL2224Dual 60MHz Unity Gain Stable Operational Amplifier 1 2 3 4 5 MoreElantec Semiconductor
EL2224DDual 60MHz Unity Gain Stable Operational Amplifier 1 Elantec Semiconductor
OPA655Wideband Unity Gain Stable FET-Input OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
OP-42HIGH SPEED FAST SETTLING PRECISION OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreAnalog Devices
LH4105PRECISION FAST SETTLING HIGH CURRENT OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreNational Semiconductor (TI)
KH200Fast Settling Wideband Operational Amplifier 1 2 3 4 5 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl