Selected language     English  ▼


HA-2541 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. HA-2541
Description  40MHz, Fast Settling, Unity Gain Stable, Operational Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

   
 3 page
background image
3
TRANSIENT RESPONSE (Note 5)
Rise Time
25
-
4
-
ns
Overshoot
25
-
40
-
%
Slew Rate
25
200
250
-
V/
µs
Settling Time
10V Step To 0.1%
25
-
90
-
ns
10V Step To 0.01%
25
-
175
-
ns
POWER REQUIREMENTS
Supply Current
25
-
29
-
mA
Full
-
-
40
mA
Power Supply Rejection Ratio
VS = ±5V to ±15V
Full
70
78
-
dB
NOTES:
3. Full Power Bandwidth guaranteed based on slew rate measurement using:
.
4. Differential Gain and Phase are measured with a 1V differential voltage at 5MHz.
5. Refer to Test Circuits section of this data sheet.
6. f = 10kHz; AV = 5; VO = 14VP-P.
Electrical Specifications
VSUPPLY = ±15V, RL = 1kΩ, CL ≤ 10pF, Unless Otherwise Specified (Continued)
PARAMETER
TEST
CONDITIONS
TEMP
(oC)
HA-2541-5
0oC TO 75oC
UNITS
MIN
TYP
MAX
FPBW
Slew Rate
2
πV
PEAK
-----------------------------
=
Test Circuits and Waveforms
FIGURE 1. TRANSIENT RESPONSE TEST CIRCUIT
FIGURE 2. SETTLING TIME TEST CIRCUIT
LARGE SIGNAL RESPONSE
SMALL SIGNAL RESPONSE
1k
VOUT
VIN
NOTES:
7. VS = ±15V.
8. AV = +1.
9. CL ≤ 10pF.
+
-
VIN
+
2k
5k
5k
2k
VOUT
SETTLING
POINT
-
NOTES:
10. AV = -1.
11. Feedback and summing resistor ratios should be 0.1% matched.
12. HP5082-2810 clipping diodes recommended.
13. Tektronix P6201 FET probe used at settling point.
VIN
VOUT
0V
0V
Vertical Scale: 5V/Div.
Horizontal Scale: 50ns/Div.
VIN
VOUT
0V
0V
Vertical Scale: VIN = 100mV/Div., VOUT = 50mV/Div.
Horizontal Scale: 20ns/Div.
HA-2541




Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
HA-2541883Wideband Fast Settling Unity Gain Stable Operational Amplifier 1 2 3 4 5 Intersil Corporation
EL2041Wideband Fast Settling Unity Gain Stable Operational Amplifier 1 2 3 4 5 MoreElantec Semiconductor
EL2041DWideband Fast Settling Unity Gain Stable Operational Amplifier 1 Elantec Semiconductor
HA-2841Wideband Fast Settling Unity Gain Stable Video Operational Amplifier 1 2 3 4 5 MoreIntersil Corporation
EL2224Dual 60MHz Unity Gain Stable Operational Amplifier 1 2 3 4 5 MoreElantec Semiconductor
EL2224DDual 60MHz Unity Gain Stable Operational Amplifier 1 Elantec Semiconductor
OPA655Wideband Unity Gain Stable FET-Input OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreBurr-Brown (TI)
OP-42HIGH SPEED FAST SETTLING PRECISION OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreAnalog Devices
LH4105PRECISION FAST SETTLING HIGH CURRENT OPERATIONAL AMPLIFIER 1 2 3 4 5 MoreNational Semiconductor (TI)
KH200Fast Settling Wideband Operational Amplifier 1 2 3 4 5 Fairchild Semiconductor

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl