Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8609ARU-REEL Datasheet(PDF) 5 Page - Analog Devices

Part # AD8609ARU-REEL
Description  Precision Micropower, Low Noise CMOS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8609ARU-REEL Datasheet(HTML) 5 Page - Analog Devices

  AD8609ARU-REEL Datasheet HTML 1Page - Analog Devices AD8609ARU-REEL Datasheet HTML 2Page - Analog Devices AD8609ARU-REEL Datasheet HTML 3Page - Analog Devices AD8609ARU-REEL Datasheet HTML 4Page - Analog Devices AD8609ARU-REEL Datasheet HTML 5Page - Analog Devices AD8609ARU-REEL Datasheet HTML 6Page - Analog Devices AD8609ARU-REEL Datasheet HTML 7Page - Analog Devices AD8609ARU-REEL Datasheet HTML 8Page - Analog Devices AD8609ARU-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AD8603/AD8607/AD8609
Rev. C | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings apply at 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
Supply Voltage
6 V
Input Voltage
GND to VS
Differential Input Voltage
±6 V
Output Short-Circuit Duration to GND
Indefinite
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 60 sec)
300°C
Operating Temperature Range
−40°C to +125°C
Junction Temperature Range
−65°C to +150°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational section of
this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
Table 4. Package Characteristics
Package Type
θJA1
θJC
Unit
5-Lead TSOT (UJ)
207
61
°C/W
8-Lead MSOP (RM)
210
45
°C/W
8-Lead SOIC_N (R)
158
43
°C/W
14-Lead SOIC_N (R)
120
36
°C/W
14-Lead TSSOP (RU)
180
35
°C/W
1 θJA is specified for the worst-case conditions, that is, θJA is specified for a
device soldered in a circuit board for surface-mount packages.
ESD CAUTION


Similar Part No. - AD8609ARU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8609ARU-REEL AD-AD8609ARU-REEL Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS, Rail-to-Rail Input/Output Operational Amplifiers
REV. C
More results

Similar Description - AD8609ARU-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8607 AD-AD8607_15 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS
REV. C
AD8609 AD-AD8609_15 Datasheet
448Kb / 16P
   Precision Micropower, Low Noise CMOS
REV. C
AD8617 AD-AD8617_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8619 AD-AD8619_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
AD8613 AD-AD8613_15 Datasheet
396Kb / 16P
   Low Cost Micropower, Low Noise CMOS
Rev. F
ADR290 AD-ADR290 Datasheet
199Kb / 15P
   Low Noise Micropower Precision Voltage References
REV. B
ADR293 AD-ADR293 Datasheet
159Kb / 11P
   Low Noise Micropower Precision Voltage Reference
REV. 0
AD8655 AD-AD8655_13 Datasheet
357Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. D
AD8655 AD-AD8655 Datasheet
329Kb / 20P
   Low Noise, Precision CMOS Amplifier
REV. A
AD8603 AD-AD8603_05 Datasheet
457Kb / 20P
   Precision Micropower, Low Noise CMOS Rail-to-Rail Input/Output Operational Amplifiers
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com