Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28560-PBD-001-A Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # 28560-PBD-001-A
Description  Product Bulletin
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

28560-PBD-001-A Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  28560-PBD-001-A_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 28560-PBD-001-A_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mindspeed Technologies
1
CX28560
Product Bulletin
Product Affected:
CX28560-11P, 680-pin TBGA package (40 mm)
This document describes conditions that may cause the operation of the above device to
deviate from published specifications.
TSLP Channel Status Register Always Reads Zero
Description:
Reading of the TSLP channel status register for any channel (at address: 0x128800 + channel
number) always returns zero, regardless of the actual channel status.
Recommended Action:
Use the alternative method below to access the channel status:
1. Enable access to extended addresses by writing 1 to the direct access register at offset
0x10C84 (in dwords from the PCI base address)
2. Using the Service Request Mechanism, read the CX28560 register at address
0x12C000 + 4 * channel number.
! Look at the value of bits 14–16:
If the channel is active, bits 14–16 contain a value other than zero;
If the channel is inactive, bits 14–16 contain a value of zero.
3. Disable access to extended addresses as soon as possible by writing 0 to the direct access
register at offset 0x10C84 (in dwords from the PCI base address)
NOTE:
When using the driver, the procedure outlined above is incorporated into the
MlCn856xGetTxChanStatus () function so that no code changes are required.
500335A
April 22, 2002


Similar Part No. - 28560-PBD-001-A_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28560-PBD-001-A MA-COM-28560-PBD-001-A Datasheet
60Kb / 2P
   CX28560-11P, 680-pin TBGA package
More results

Similar Description - 28560-PBD-001-A_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28330-PBD-001-A MA-COM-28330-PBD-001-A_15 Datasheet
23Kb / 1P
   product bulletin
28953-PBD-001-A MA-COM-28953-PBD-001-A_15 Datasheet
29Kb / 2P
   product bulletin
28500-PBD-001-B MA-COM-28500-PBD-001-B_15 Datasheet
47Kb / 2P
   Product Bulletin
02007-PBD-001-A MA-COM-02007-PBD-001-A Datasheet
39Kb / 1P
   Product Bulletin
logo
PANDUIT CORP.
HLC3S-X0 PANDUIT-HLC3S-X0 Datasheet
723Kb / 2P
   Product Bulletin
logo
Gilway Technical Lamp
GTL-OS-70099 GILWAY-GTL-OS-70099 Datasheet
504Kb / 4P
   Product Information Bulletin
logo
Richco, Inc.
ML-L-2 RICHCO-ML-L-2 Datasheet
213Kb / 1P
   NEW PRODUCT BULLETIN
logo
Kemet Corporation
PBU-022415-CA KEMET-PBU-022415-CA Datasheet
231Kb / 3P
   Product/Process Bulletin Update
logo
OSRAM GmbH
70119 OSRAM-70119 Datasheet
127Kb / 4P
   Product Information Bulletin DRAGONtape
logo
Gilway Technical Lamp
GTL-OS-70072 GILWAY-GTL-OS-70072 Datasheet
167Kb / 2P
   Product Information Bulletin LINEARlight OPTICS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com