Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-2544 Datasheet(PDF) 10 Page - Intersil Corporation

Part # HA-2544
Description  50MHz, Video Operational Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-2544 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button HA-2544 Datasheet HTML 3Page - Intersil Corporation HA-2544 Datasheet HTML 4Page - Intersil Corporation HA-2544 Datasheet HTML 5Page - Intersil Corporation HA-2544 Datasheet HTML 6Page - Intersil Corporation HA-2544 Datasheet HTML 7Page - Intersil Corporation HA-2544 Datasheet HTML 8Page - Intersil Corporation HA-2544 Datasheet HTML 9Page - Intersil Corporation HA-2544 Datasheet HTML 10Page - Intersil Corporation HA-2544 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
Die Characteristics
DIE DIMENSIONS:
80 mils x 64 mils x 19 mils
2030
µm x 1630µm x 483µm
METALLIZATION:
Type: Al, 1% Cu
Thickness: 16k
Å
±2kÅ
PASSIVATION:
Type: Nitride (Si3N4) over Silox (SiO2, 5% Phos.)
Silox Thickness: 12k
Å
± 2kÅ
Nitride Thickness: 3.5k
Å
±1.5kÅ
SUBSTRATE POTENTIAL (POWERED UP):
V-
TRANSISTOR COUNT:
44
PROCESS:
Bipolar Dielectric Isolation
Metallization Mask Layout
HA-2544
FIGURE 26.
±2V OUTPUT SWING (WITH RLOAD =75Ω,
FREQUENCY = 5.00MHz)
FIGURE 27. BANDWIDTH vs LOAD CAPACITANCE
Typical Video Performance Curves (Continued)
VIN = 2.0V/Div., VOUT = 2.0V/Div., Timebase = 50ns
-250.000ns
0.00000ns
250.000ns
VIN
VOUT
AV = +1, VS = ±15V
RL = 1kΩ
9
6
3
0
-3
-6
-9
-12
-15
-18
100K
1M
10M
100M
0
45
90
135
180
CL
BANDWIDTH
(-3dB)
PHASE
(-3dB)
0
10
20
30
40
35.5
40.8
50.1
55.8
54.8
-77.1o
-89.6o
-122.0o
-150.7o
-179.1o
(pF)
VIN
VO
CL
1K
50
+
-
V+
OUT
BAL
BAL
-IN
+IN
V-
HA-2544


Similar Part No. - HA-2544

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2544 INTERSIL-HA-2544 Datasheet
807Kb / 11P
   50MHz, Video Operational Amplifier
HA-2544/883 INTERSIL-HA-2544/883 Datasheet
44Kb / 5P
   Video Operational Amplifier
HA-2544883 INTERSIL-HA-2544883 Datasheet
44Kb / 5P
   Video Operational Amplifier
HA-2544 INTERSIL-HA-2544_04 Datasheet
807Kb / 11P
   50MHz, Video Operational Amplifier
More results

Similar Description - HA-2544

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-2544 INTERSIL-HA-2544_04 Datasheet
807Kb / 11P
   50MHz, Video Operational Amplifier
HA-2444 INTERSIL-HA-2444 Datasheet
544Kb / 6P
   50MHz, Selectable, Four Channel Video Operational Amplifier
HA-2841 INTERSIL-HA-2841_03 Datasheet
450Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
logo
Renesas Technology Corp
HA-2841 RENESAS-HA-2841 Datasheet
588Kb / 8P
   50MHz, Fast Settling, Unity Gain Stable, Video Operational Amplifier
May 2003
logo
Intersil Corporation
HA-2544883 INTERSIL-HA-2544883 Datasheet
44Kb / 5P
   Video Operational Amplifier
logo
Maxim Integrated Produc...
MAX404 MAXIM-MAX404 Datasheet
239Kb / 8P
   Video Operational Amplifier
Rev 0; 7/91
logo
Cirrus Logic
PA119CE CIRRUS-PA119CE_10 Datasheet
654Kb / 5P
   Video Power Operational Amplifier
PA119CE CIRRUS-PA119CE Datasheet
206Kb / 5P
   Video Power Operational Amplifier
logo
SG Micro Corp
SGM8651 SGMICRO-SGM8651 Datasheet
661Kb / 17P
   50MHz, Rail-to-Rail Output CMOS Operational Amplifier
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
   Fast Settling Video Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com