Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

28946-BRF-001-A Datasheet(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

Part # 28946-BRF-001-A
Description  G.shdsl Dual-Bearer Multi-Mode Transceiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

28946-BRF-001-A Datasheet(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  28946-BRF-001-A_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 28946-BRF-001-A_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.mindspeed.com/salesoffices
General Information: (949) 579-3000
Headquarters – Newport Beach
4000 MacArthur Blvd., East Tower
Newport Beach, CA 92660-3007
28946-BRF-001-A M03-0765
© 2002 Mindspeed Technologies, a Conexant business. All rights reserved. Mindspeed
and the Mindspeed logo are trademarks ofMindspeed Technologies. All other
trademarks are the property oftheir respective owners. Although Mindspeed
Technologies strives for accuracy in all its publications, this material may contain
errors or omissions and is subject to change without notice. This material is provided
as is and without any express or implied warranties, including merchantability, fitness
for a particular purpose and non-infringement. Mindspeed Technologies shall not be
liable for any special, indirect, incidental or consequential damages as a result of its use.
A CONEXANT BUSINESS
• Operating modes supported:
- ITU G.shdsl including EPAP modes
(ITU G.991.2)
- ITU G.handshake (ITU G.994.1)
- HDSL2 (ANSI T1.418)
- SDSL/2B1Q (AutoBaud)
- 4640 operation complies with
2B1Q spectral masks
- Proprietary/extended reach
(ANSI spectrum management
for loop transmission systems)
- Proprietary/high-speed (ANSI
spectrum management for loop
transmission systems)
• Highly integrated solution including
framer, microprocessor, ROM/RAM,
frequency synthesizer, and DSP
• Two packaging options for high
density and manufacturability
Option A(two-package):
• DSP/Framer/uP = 13x13 mm
• FPBGA; AFE/LD = 7x7 mm LGA
Option B (two package):
• DSP/Framer/uP = 24x24 mm
• LQFP; AFE/LD = 7 x 7 LGA
• Embedded microprocessor for
autonomous operation and EOC
processing
• Data rates from 192 Kbps to 4.6
Mbps in 8 Kbps increments
• Central office (COT) and
remote (RT) operation
• Glueless interface to popular
microprocessors
• Single hardware circuit supports all
speeds and modes of operation
• +1.8 V, +3.3 V and +12 V
power supplies
• JTAG boundary scan
• Operation over full industrial temper-
ature range (-40° C to +85° C)
Applications
• DSL-enabled customer premises
equipment (CPE)
• Integrated access devices (IADs)
• Digital subscriber line access
multiplexers (DSLAMs)
• N-Channel DAML and voice
pairgain systems
• Nx64K data transport
• Remote LAN access
• T1 and E1 HDSL-enabled
transport systems
• Cellular base station data links
• Campus modems
• Data, voice and video
transport systems
Product Features
Full System Solution
The M28946 pairs up with the M28927-29 integrated Analog Front
End/Line Driver (AFE/LD) to provide a full DSL solution. The inte-
grated line driver is capable of driving the high line-power EPAP
modes as specified by the G.shdsl standard. The integrated
frequency synthesizer, as with the rest of the ZipWirePlus family,
supports data rates from 192 Kbps to 4.6 Mbps, and requires only
one external crystal. This highly integrated DSL solution enables
OEMs to design and manufacture the most feature-rich, lowest
power and highest-density DSL equipment in the industry.
Multi-Level
TCPAM DSP
8051
Core
Copper Pair
ROM/RAM
HostPort
Interface
Host Port RAM Bus
AFE/
Line Driver
Hybrid
Framer
ATM/
TC
Utopia
PCM I/F
PCM I/F
M28946 block diagram


Similar Part No. - 28946-BRF-001-A_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28946-BRF-001-A MA-COM-28946-BRF-001-A Datasheet
65Kb / 2P
   ZipWirePlus M28946 G.shdsl Transceiver
More results

Similar Description - 28946-BRF-001-A_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
28945-BRF-001-A MA-COM-28945-BRF-001-A Datasheet
111Kb / 2P
   ZipWirePlus G.shdsl Transceiver
28946-BRF-001-A MA-COM-28946-BRF-001-A Datasheet
65Kb / 2P
   ZipWirePlus M28946 G.shdsl Transceiver
28985-BRF-001-A MA-COM-28985-BRF-001-A Datasheet
64Kb / 2P
   Octal G.shdsl Transceiver with Embedded Microprocessor
28985-BRF-001-A MA-COM-28985-BRF-001-A_15 Datasheet
64Kb / 2P
   Octal G.shdsl Transceiver with Embedded Microprocessor
logo
Sipex Corporation
SP502 SIPEX-SP502 Datasheet
345Kb / 32P
   Multi-Mode Serial Transceiver
SP502 SIPEX-SP502 Datasheet
402Kb / 30P
   Multi-Mode Serial Transceiver
SP504 SIPEX-SP504 Datasheet
399Kb / 31P
   WAN Multi-Mode Serial Transceiver
SP514 SIPEX-SP514 Datasheet
505Kb / 20P
   WAN Multi-Mode Serial Transceiver
logo
Exar Corporation
SP504 EXAR-SP504 Datasheet
1Mb / 32P
   WAN Multi-Mode Serial Transceiver
logo
Sipex Corporation
SP514 SIPEX-SP514 Datasheet
371Kb / 20P
   WAN Multi-Mode Serial Transceiver
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com